Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF147 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LF147
Description  WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF147 Datasheet(HTML) 5 Page - STMicroelectronics

  LF147 Datasheet HTML 1Page - STMicroelectronics LF147 Datasheet HTML 2Page - STMicroelectronics LF147 Datasheet HTML 3Page - STMicroelectronics LF147 Datasheet HTML 4Page - STMicroelectronics LF147 Datasheet HTML 5Page - STMicroelectronics LF147 Datasheet HTML 6Page - STMicroelectronics LF147 Datasheet HTML 7Page - STMicroelectronics LF147 Datasheet HTML 8Page - STMicroelectronics LF147 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LF147 - LF247 - LF347
5/10
INPUT BIAS CURRENT versus FREE AIR
TEMPERATURE
LARGE SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT versus
FREQUENCY
SUPPLY CURRENT PER AMPLIFIER versus
FREE AIR TEMPERATURE
LARGE SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT versus
FREQUENCY
TOTAL POWER DISSIPATION versus FREE AIR
TEMPERATURE
COMMON MODE REJECTION RATIO versus
FREE AIR TEMPERATURE
100
10
1
0.1
0.01
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
FREQUENCY (Hz)
100
10
100
1K
10K
100K
10M
1M
1
DIFFERENTIAL
VOLTAGE
AMPLIFICATION
(left scale)
180
90
0
R = 2kW
C = 100pF
V
= 15V
T
= +125°C
L
L
CC
amb
PHASE SHIFT
(right scale)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
No signal
No load
1000
400
200
100
20
40
10
4
2
1
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
R
L
= 2k
V
O =
10V
V
CC
=
15V
250
225
200
175
150
125
100
75
50
25
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
No signal
No load
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
02
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
Tamb =+25°C
No signal
No load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com