Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF147 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LF147
Description  WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF147 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LF147 Datasheet HTML 2Page - STMicroelectronics LF147 Datasheet HTML 3Page - STMicroelectronics LF147 Datasheet HTML 4Page - STMicroelectronics LF147 Datasheet HTML 5Page - STMicroelectronics LF147 Datasheet HTML 6Page - STMicroelectronics LF147 Datasheet HTML 7Page - STMicroelectronics LF147 Datasheet HTML 8Page - STMicroelectronics LF147 Datasheet HTML 9Page - STMicroelectronics LF147 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LF147 - LF247 - LF347
6/10
COMMON MODE REJECTION RATIO versus
FREE AIR TEMPERATURE
OUTPUT VOLTAGE versus ELAPSED TIME
VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE
EQUIVALENT INPUT NOISE VOLTAGE versus
FREQUENCY
TOTAL HARMONIC DISTORTION versus FREQUENCY
89
88
87
86
85
84
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
83
-75
R
L = 1 0 kΩ
=
15V
V
CC
t r
28
24
20
16
12
8
4
0
-4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
TIME (
µs)
10%
90%
OVERSHOOT
R
L = 2k
T
amb = +25˚C
V
CC
= 15V
6
4
2
0
-2
-4
0
0.5
1
1.5
2
2.5
3
3.5
TIME (m s)
-6
= 15V
VCC
RL = 2 kW
= 100pF
CL
T
amb = +25°C
OUTPUT
INPUT
70
60
50
40
30
20
10
0
10
40
100
400
1k
4k
10k
40k 100k
FREQUENCY (Hz)
A V = 10
R S = 100 Ω
Tamb = +25˚C
VCC = 15V
1
0.4
0.1
0.04
0.01
0.004
0.001
100
400
1k
4k
10k
40k
100k
FREQUENCY (Hz)
A V = 1
T amb = +25˚C
V
CC = 15V
= 6V
V
O (rms)
A V = 1
T amb = +25˚C
= 6V
V
O (rms)
V
CC =
15V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com