Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5506 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5506
Description  Fixed-Point Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5506 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5506 Datasheet HTML 9Page - Texas Instruments TMS320VC5506 Datasheet HTML 10Page - Texas Instruments TMS320VC5506 Datasheet HTML 11Page - Texas Instruments TMS320VC5506 Datasheet HTML 12Page - Texas Instruments TMS320VC5506 Datasheet HTML 13Page - Texas Instruments TMS320VC5506 Datasheet HTML 14Page - Texas Instruments TMS320VC5506 Datasheet HTML 15Page - Texas Instruments TMS320VC5506 Datasheet HTML 16Page - Texas Instruments TMS320VC5506 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
Introduction
13
October 2006 − Revised January 2008
SPRS375C
The 5506 is supported by the industry’s award-winning eXpressDSP
, Code Composer Studio Integrated
Development Environment (IDE), DSP/BIOS
, Texas Instruments’ algorithm standard, and the industry’s
largest third-party network. The Code Composer Studio IDE features code generation tools including a
C Compiler and Visual Linker, simulator, RTDX
, XDS510, XDS560, emulation device drivers, and
evaluation modules. The 5506 is also supported by the C55x DSP Library which features more than 50
foundational software kernels (FIR filters, IIR filters, FFTs, and various math functions) as well as chip and
board support libraries.
2.2
Pin Assignments
Figure 2−1 illustrates the ball locations for the 179-pin ball grid array (BGA) package and is used in conjunction
with Table 2−1 to locate signal names and ball grid numbers.
DVDD is the power supply for the I/O pins while CVDD is the power supply for the core. VSS is the ground for
both the I/O pins and the core. RCVDD and RDVDD are RTC module core and I/O supply, respectively. USBVDD
is the USB module I/O (DP, DN, and PU) supply. USBPLLVDD and USBPLLVSS are the dedicated supply and
ground pins for the USB PLL, respectively.
2.2.1 Terminal Assignments for the GHH and ZHH Packages
14
12 13
10 11
8 9
P
M
L
J
H
K
N
56
34
G
E
F
D
C
12
A
B
7
Figure 2−1. 179-Terminal GHH and ZHH Ball Grid Array (Bottom View)
eXpressDSP, Code Composer Studio, DSP/BIOS, RTDX, and XDS510 are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com