Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5506 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5506
Description  Fixed-Point Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5506 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5506 Datasheet HTML 17Page - Texas Instruments TMS320VC5506 Datasheet HTML 18Page - Texas Instruments TMS320VC5506 Datasheet HTML 19Page - Texas Instruments TMS320VC5506 Datasheet HTML 20Page - Texas Instruments TMS320VC5506 Datasheet HTML 21Page - Texas Instruments TMS320VC5506 Datasheet HTML 22Page - Texas Instruments TMS320VC5506 Datasheet HTML 23Page - Texas Instruments TMS320VC5506 Datasheet HTML 24Page - Texas Instruments TMS320VC5506 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
Introduction
21
October 2006 − Revised January 2008
SPRS375C
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
RESET
CONDITION
BK‡
FUNCTION
I/O/Z†
MULTIPLEXED
SIGNAL NAME
PARALLEL BUS (CONTINUED)
C8
O/Z
EMIF byte enable 0 control . The initial state of this pin depends on the
GPIO0 pin.
GPIO0 = 1:
Output,
EMIF.BE0
EMIF.BE0
O/Z
Active-low EMIF byte enable 0 control. EMIF.BE0 is selected when the
Parallel Port Mode bit field of the External Bus Selection Register is set to
00 or 01.
BK
EMIF.BE0
GPIO0 = 0:
Reserved
C9
O/Z
EMIF byte enable 1 control. The initial state of this pin depends on the
GPIO0 pin.
BK
GPIO0 = 1:
Output,
EMIF.BE1
EMIF.BE1
O/Z
Active-low EMIF byte enable 1 control. EMIF.BE1 is selected when the
Parallel Port Mode bit field of the External Bus Selection Register is set to
00 or 01.
BK
GPIO0 = 0:
Reserved
C10
O/Z
EMIF SDRAM row strobe. The initial state of this pin depends on the
GPIO0 pin.
GPIO0 = 1:
Output,
EMIF.SDRAS
EMIF.SDRAS
O/Z
Active-low EMIF SDRAM row strobe. EMIF.SDRAS is selected when the
Parallel Port Mode bit field of the External Bus Selection Register is set to
00 or 01.
BK
EMIF.SDRAS
GPIO0 = 0:
Reserved
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer, FS = fail-safe buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com