Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6000GDPA167 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320C6000GDPA167
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6000GDPA167 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320C6000GDPA167 Datasheet HTML 43Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 44Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 45Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 46Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 47Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 48Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 49Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 50Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
47
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
debugging considerations
It is recommended that external connections be provided to peripheral selection/device configuration pins,
including HD[14, 8, 4, 3], and CLKMODE0. Although internal pullup resistors exist on these pins, providing
external connectivity adds convenience to the user in debugging and flexibility in switching operating modes.
Internal pullup/pulldown resistors also exist on the non-configuration pins on the HPI data bus (HD[15, 13:9,
7:5, 2:0]. For proper device operation of the HD[15, 13:9, 7, 1, 0], do not oppose the internal pullup/pulldown
resistors on these non-configuration pins with external pullup/pulldown resistors. If an external controller
provides signals to these HD[15, 13:9, 7, 1, 0] non-configuration pins, these signals must be driven to the default
state of the pins at reset, or not be driven at all. For a list of routed out, 3-stated, or not-driven pins recommended
for external pullup/pulldown resistors, and internal pullup/pulldown resistors for all device pins, etc., see the
Terminal Functions table. However, the HD[6, 5, 2] non-configuration pins can be opposed and driven during
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com