Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6000GDPA167 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320C6000GDPA167
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6000GDPA167 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320C6000GDPA167 Datasheet HTML 45Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 46Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 47Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 48Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 49Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 50Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 51Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 52Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
PIN NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
NAME
PYP
GDP
TYPE†
IPD/
IPU‡
DESCRIPTION
RESETS AND INTERRUPTS
RESET
176
A13
I
IPU
Device reset. When using Boundary Scan mode, drive the EMU[1:0] and
RESET pins low.
NMI
175
C13
I
IPD
Nonmaskable interrupt
• Edge-driven (rising edge)
Any noise on the NMI pin may trigger an NMI interrupt; therefore, if the NMI pin is
not used, it is recommended that the NMI pin be grounded versus relying on the
IPD.
GP[7](EXT_INT7)
7
E3
General-purpose input/output pins (I/O/Z) which also function as external
interrupts
GP[6](EXT_INT6)
2
D2
interrupts
• Edge-driven
Polarity independently selected via the External Interrupt Polarity Register
GP[5](EXT_INT5)/
AMUTEIN0
6
C1
I/O/Z
IPU
• Polarity independently selected via the External Interrupt Polarity Register
bits (EXTPOL.[3:0]), in addition to the GPIO registers.
GP[4] and GP[5] pins also function as AMUTEIN1 McASP1 mute input and
GP[4](EXT_INT4)/
AMUTEIN1
1
C2
GP[4] and GP[5] pins also function as AMUTEIN1 McASP1 mute input and
AMUTEIN0 McASP0 mute input, respectively, if enabled by the INEN bit in the
associated McASP AMUTE register.
HOST-PORT INTERFACE (HPI)
HINT/GP[1]
135
J20
O/Z
IPU
Host interrupt (from DSP to host) (O) [default] or this pin can be programmed as
a GP[1] pin (I/O/Z).
HCNTL1/AXR1[1]
144
G19
I
IPU
Host control − selects between control, address, or data registers (I) [default] or
McASP1 data pin 1 (I/O/Z).
HCNTL0/AXR1[3]
146
G18
I
IPU
Host control − selects between control, address, or data registers (I) [default] or
McASP1 data pin 3 (I/O/Z).
HHWIL/AFSR1
139
H20
I
IPU
Host half-word select − first or second half-word (not necessarily high or low
order) (I) [default] or McASP1 receive frame sync or left/right clock (LRCLK)
(I/O/Z).
HR/W/AXR1[0]
143
G20
I
IPU
Host read or write select (I) [default] or McASP1 data pin 0 (I/O/Z).
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
‡ IPD = Internal pulldown, IPU = Internal pullup. [To oppose the supply rail on these IPD/IPU signal pins, use external pullup or pulldown resistors
no greater than 4.4 k
Ω and 2.0 kΩ, respectively.]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com