Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF255 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LF255
Description  WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF255 Datasheet(HTML) 1 Page - STMicroelectronics

  LF255 Datasheet HTML 1Page - STMicroelectronics LF255 Datasheet HTML 2Page - STMicroelectronics LF255 Datasheet HTML 3Page - STMicroelectronics LF255 Datasheet HTML 4Page - STMicroelectronics LF255 Datasheet HTML 5Page - STMicroelectronics LF255 Datasheet HTML 6Page - STMicroelectronics LF255 Datasheet HTML 7Page - STMicroelectronics LF255 Datasheet HTML 8Page - STMicroelectronics LF255 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
5 - Offset Null 2
6 - Output
7- VCC
+
8 - N.C.
WIDE BANDWIDTH
SINGLE J-FET OPERATIONAL AMPLIFIERS
®
.
HIGH INPUT IMPEDANCE J-FET INPUT
STAGE
.
HIGH SPEED J-FET OP-AMPs : up to 20MHz,
50V/
µs
.
OFFSET VOLTAGE ADJUSTMENT DOES NOT
DEGRADE DRIFT OR COMMON-MODE
REJECTION AS IN MOST OF MONOLITHIC
AMPLIFIERS
.
INTERNAL COMPENSATION AND LARGE
DIFFERENTIAL INPUT VOLTAGECAPABILITY
(UP TO VCC
+)
TYPICAL APPLICATIONS
.
PRECISION HIGH SPEED INTEGRATORS
.
FAST D/A AND CONVERTERS
.
HIGH IMPEDANCE BUFFERS
.
WIDEBAND, LOW NOISE, LOW DRIFT
AMPLIFIERS
.
LOGARITHIMIC AMPLIFIERS
.
PHOTOCELL AMPLIFIERS
.
SAMPLE AND HOLD CIRCUITS
N
DIP8
(Plastic Package)
1
2
3
4
8
6
5
7
1 - Offset Null 1
2 - Inverting input
3 - Non-inverting input
4- VCC
-
PIN CONNECTIONS (top view)
DESCRIPTION
These circuits are monolithic J-FET input operational
amplifiers incorporating well matched, high voltage
J-FET on the same chip with standard bipolar transis-
tors.
This amplifiers feature low input bias and offset cur-
rents, low input offset voltage and input offset voltage
drift,coupledwith offsetadjust which doesnot degrade
drift or common-mode rejection.
The devices are also designed for high slew rate, wide
bandwidth,extremelyfastsettlingtime, lowvoltageand
current noise and a low 1/f noise level.
LF155-LF255-LF355
LF156-LF256-LF356
LF157-LF257-LF357
July 1998
D
SO8
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature
Range
Package
ND
LF355, LF356, LF357
0
oC, +70oC
••
LF255, LF256, LF257
–40
oC, +105oC
••
LF155, LF156, LF157
–55
oC, +125oC
••
Example : LF355N
1/14


Similar Part No. - LF255

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF255 NSC-LF255 Datasheet
543Kb / 15P
Series Monolithic JFET Input Operational Amplifiers
LF255H NSC-LF255H Datasheet
543Kb / 15P
Series Monolithic JFET Input Operational Amplifiers
More results

Similar Description - LF255

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF147-LF247 STMICROELECTRONICS-LF147-LF247 Datasheet
302Kb / 10P
WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
Mar-2001
LF151 STMICROELECTRONICS-LF151 Datasheet
108Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Oct-1997
LF153 STMICROELECTRONICS-LF153 Datasheet
99Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Jun-1998
TL071 STMICROELECTRONICS-TL071 Datasheet
90Kb / 9P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Dec-1998
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
J-FET Input Operational Amplifiers
logo
STMicroelectronics
LF153 STMICROELECTRONICS-LF153_01 Datasheet
723Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Mar-2001
LF151 STMICROELECTRONICS-LF151_01 Datasheet
742Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Mar-2001
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Mar-2001
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
Wide bandwidth single JFET operational amplifiers
28-Apr-2008
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com