Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF0959 Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDF0959
Description  100V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDF0959 Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDF0959 Datasheet HTML 1Page - Potens Semiconductor Corp. PDF0959 Datasheet HTML 2Page - Potens Semiconductor Corp. PDF0959 Datasheet HTML 3Page - Potens Semiconductor Corp. PDF0959 Datasheet HTML 4Page - Potens Semiconductor Corp. PDF0959 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
1
PDF0959
100V P-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-100
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous (TC=25℃)
-25
A
Drain Current
– Continuous (TC=100℃)
-16
A
IDM
Drain Current
– Pulsed1
-100
A
EAS
Single Pulse Avalanche Energy2
180
mJ
IAS
Single Pulse Avalanche Current2
-60
A
PD
Power Dissipation (TC=25℃)
68
W
Power Dissipation
– Derate above 25℃
0.54
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
1.84
℃/W
BVDSS
RDSON
ID
-100V
38m
-25A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 -100V,-25A, RDS(ON) 38m
Ω@VGS = -10V
 Improved dv/dt capability
 Fast switching
 Green Device Available
General Description
Features
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
Thermal Characteristics
Applications
TO220F Pin Configuration
 Networking
 Load Switch
 LED applications
D
G
S
G
D
S


Similar Part No. - PDF0959

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDF0956 POTENS-PDF0956 Datasheet
462Kb / 5P
100V N-Channel MOSFETs
Ver.1.00
More results

Similar Description - PDF0959

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
July 1999
IRFR9110 INTERSIL-IRFR9110 Datasheet
62Kb / 7P
3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
July 1999
IRFR9120 INTERSIL-IRFR9120 Datasheet
73Kb / 7P
5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs
July 1999
logo
First Silicon Co., Ltd
FTK0903P FS-FTK0903P Datasheet
972Kb / 5P
-100V P-Channel MOSFETs
FTK0905 FS-FTK0905 Datasheet
997Kb / 5P
100V P-Channel MOSFETs
FTK0906T FS-FTK0906T Datasheet
1,010Kb / 5P
100V N-Channel MOSFETs
FTK0959D FS-FTK0959D Datasheet
828Kb / 5P
100V P-Channel MOSFETs
FTK0970P FS-FTK0970P Datasheet
998Kb / 5P
100V N-Channel MOSFETs
FTK0976DFN56 FS-FTK0976DFN56 Datasheet
1Mb / 5P
100V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com