Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF155 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LF155
Description  WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF155 Datasheet(HTML) 3 Page - STMicroelectronics

  LF155 Datasheet HTML 1Page - STMicroelectronics LF155 Datasheet HTML 2Page - STMicroelectronics LF155 Datasheet HTML 3Page - STMicroelectronics LF155 Datasheet HTML 4Page - STMicroelectronics LF155 Datasheet HTML 5Page - STMicroelectronics LF155 Datasheet HTML 6Page - STMicroelectronics LF155 Datasheet HTML 7Page - STMicroelectronics LF155 Datasheet HTML 8Page - STMicroelectronics LF155 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS
LF155, LF156, LF157
-55
oC
≤ Tamb ≤ +125oC
±5V ≤ VCC ≤ ±20V
LF255, LF256, LF257
-40
oC
≤ Tamb ≤ +105oC
±5V ≤ VCC ≤ ±20V
(unless otherwise specified)
Symbol
Parameter
LF155 - LF156 - LF157
LF255 - LF256 - LF257
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage (RS =50
Ω)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
LF155, LF156, LF157
LF255, LF256, LF257
35
7
6.2
mV
Iio
Input Offset Current - (note 3)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
LF155, LF156, LF157
LF255, LF256, LF257
320
20
1
pA
nA
nA
Iib
Input Bias Current - (note 3)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
LF155, LF156, LF157
LF255, LF256, LF257
20
100
50
5
pA
nA
nA
Avd
Large Signal Voltage Gain (RL =2k
Ω,VO = ±10V, VCC = ±15V)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
25
200
V/mV
SVR
Supply Voltage Rejection Ratio - (note 4)
85
100
dB
ICC
Supply Current (VCC =
±15V, no load)
Tamb =25
oC
LF155, LF255
LF156, LF256
LF157, LF257
2
5
5
4
7
7
mA
DVio
Input Offset Voltage Drift (RS =50
Ω)5
µV/oC
DVio/Vio
Change in Average Temperature Coefficient with Vio adjust
(RS =50
Ω) - (note 2)
0.5
µV/oC
Vicm
Input Common Mode Voltage Range (VCC =
±15V, Tamb =25oC)
±11
+15.1
-12
V
CMR
Common Mode Rejection Ratio
85
100
dB
±VOPP
Output Voltage Swing (VCC =
±15V)
RL = 10k
Ω
RL =2k
Ω
±12
±10
±13
±12
V
GBP
Gain Bandwidth Product (VCC =
±15V, Tamb =25oC)
LF155, LF255
LF156, LF256
LF157, LF257
2.5
5
20
MHz
SR
Slew Rate (VCC =
±15V, Tamb =25oC)
AV = 1
LF155, LF255
LF156, LF256
AV = 5
LF157, LF257
7.5
30
5
12
50
V/
µs
Ri
Input Resistance (Tamb =25
oC)
10
12
Ω
Ci
Input Capacitance (VCC =
±15V, Tamb =25oC)
3
pF
en
Equivalent Input Noise Voltage
(VCC =
±15V, Tamb =25oC, RS = 100Ω)
f = 1000Hz
LF155, LF255
LF156, LF256
LF157, LF257
f = 100Hz
LF155, LF255
LF156, LF256
LF157, LF257
20
12
12
25
15
15
nV
√
Hz
in
Equivalent Input Noise Current
(VCC =
±15V, Tamb =25oC, f = 100Hz or f = 1000Hz)
0.01
pA
√
Hz
ts
Settling Time (VCC =
±15V, Tamb =25oC) - (note 5)
LF155, LF255
LF156, LF256
LF157, LF257
4
1.5
1.5
µs
LF155 - LF156 - LF157
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com