Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF155 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LF155
Description  WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF155 Datasheet(HTML) 5 Page - STMicroelectronics

  LF155 Datasheet HTML 1Page - STMicroelectronics LF155 Datasheet HTML 2Page - STMicroelectronics LF155 Datasheet HTML 3Page - STMicroelectronics LF155 Datasheet HTML 4Page - STMicroelectronics LF155 Datasheet HTML 5Page - STMicroelectronics LF155 Datasheet HTML 6Page - STMicroelectronics LF155 Datasheet HTML 7Page - STMicroelectronics LF155 Datasheet HTML 8Page - STMicroelectronics LF155 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
The LF155, LF156, LF157 series are op amps with J-
FETinput transistors. TheseJFETs havelarge reverse
breakdown voltagesfromgatetosource or drain elimi-
natingtheneed of clamps across the inputs.Therefore
large differential input voltages can easily be accom-
modatedwithoutalarge increaseof inputcurrents. The
maximum differential input voltage is independent of
the supply voltage. However, neitherof thenegativein-
put voltagesshouldbe allowed to exceedthe negative
supply as this will cause large currents to flow which
can result in a destroyed unit. Exceeding the negative
common-modelimit on either inputwill causeareversal
of thephasetotheoutputandforce the amplifier output
to the correspondinghigh or lowstate. Exceedingthe
negativecommon-mode limit on bothinputs will force
the amplifier outputto a highstate.In neithercasedoes
a latch occur since raising the input back within the
common-mode range again puts the input stage and
thustheamplifier in a normal operatingmode. Exceed-
ingthepositive common-modelimit on asingle input will
not changethephase of the output however, if bothin-
putsexceedthe limit, theoutput of theamplifier will be
forcedto ahighstate.Theseamplifiers will operatewith
the common-mode input voltage equal to the positive
supply. In fact, the common-modevoltagecanex-
ceedthepositivesupplyby approximately 100mV inde-
pendentof supply volt-age and over thefull operat-
ingtemperaturerange.The positive suplly can there-
forebe used as a referenceonaninput as, forexample,
in a supply current monitor and/or limiter. Precautions-
shouldbe taken to ensurethat thepowersupply for the
integrated circuit never becomes re-versed in polarity
or that the unit is not inadvertentlyin-stalledbackwards
in a socket as an unilimited current surge throughthe
resulting forward diode within the IC couldcausefusin-
goftheinternalconductorsandresultin a destroyedunit.
Because these amplifiers are JFET rather than MOS-
FET input op amps they do not require special han-
dling.
Allof thebiascurrentsintheseamplifiersareset by FET
current sources. The drain currents for the amplifiers
are therefore essentially independent of supply volt-
ages.
As with most amplifiers, care should betakenwith lead
dress, components placement and supply decoupling
in order to ensure stability. For example, resistors from
the output to an input should be placed with the body
close to theinput to minimiz ”pickup” and maximize the
frequency of the feedback pole by minimizing the ca-
pacitancefrom the input to ground.
A feedback pole is createdwhen the feedbackaround
any amplifier is resistive. The parallel resistance and
capacitancefromthe input of thedevice(usually the in-
vertinginput)toacgroundsetthefrequencyofthepole.In
many instances the frequency of this pole is much
greaterthanthe expected3 dBfrequencyof the closed
loopgain and consequentlythereisnegligible effect on
stability margin. However, if the feedback pole is less
than approximately six time the expected 3 dB fre-
quencyaleadcapacitor should be placed from the out-
put to the input of the op amp. The value of that added
capacitor should be such that the RC time constant of
this capacitor and the resistance it parallels is greater
than or equal to the original feedback pole time con-
stant.
APPLICATION HINTS
LF155 - LF156 - LF157
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com