Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW90-0004ATR Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW90-0004ATR
Description  GaAs SP6T Switch, Absorptive, Single Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW90-0004ATR Datasheet(HTML) 2 Page - Tyco Electronics

  SW90-0004ATR Datasheet HTML 1Page - Tyco Electronics SW90-0004ATR Datasheet HTML 2Page - Tyco Electronics SW90-0004ATR Datasheet HTML 3Page - Tyco Electronics SW90-0004ATR Datasheet HTML 4Page - Tyco Electronics SW90-0004ATR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
! "
# $
% #
&
'
(
) *
$
$%
& ' ( )*
'
+
,
-
.
#
', #
. /#
8
<+ <+0!*!(!/!1!)
3
( ' 456
( ' / ' 456
;
;
D
D
D
D
* 0
* /
D
3
/ ' 456
;
*1
D
D
27> <
<+ !<+0 <+)
8
$
$ "
<+0 <+)
8
$
$ "
3
/ ' 456
3
/ ' 456
<
<
D
D
D
D
* '%0
* '%0
0 ;
D
D
1'
56
' 1 / ' 456
;
;
D
D
01
*.
D
D
9(
$
E1 ;
1'
56
' 1 / ' 456
;
;
D
D
('
/'
D
D
7
7
$
1'F
-'F <+
D
D
*'
D
$
1'F
0'F <+
D
D
01
D
$
0'F
-'F <+
D
D
1
D
$
-'F
0'F <+
D
D
*
D
2
D
D
2
/ 1
1 '
1 1
2 8
2 5
8 >
5 45
D
D
2
2
' '
* '
D
D
' &
1 '
8
2
@ 2
4:3
D
0 '
D
0 '
1!
.
2
,!8
G'H
G0H
D
D
1
&
7
:
4
3
3
( 1
56
;
D
-(
D
$
)
+
D
D
D
0*1
$
<
I
D
D
J >
D
01
D
&
K
7
2
@ 2
4:3
D
D
*1'
/''
7
9
$$8
9
2
@
,!2
@ 2
* 0 2
D
D
D
0 '
1
3
!
A
G$
H
!
$
"
)
$
3
3
0'' B
,
"
.
+
&
+
$
%0
121
''3 3 0 1 1
''3 4
!
"
)
5
6
6
6 !
6 "
6 )
6 5
0
'
'
'
'
'
'
0
'
'
'
'
'
'
0
'
'
'
'
'
'
0
'
'
'
'
'
'
0
'
'
'
'
'
'
0
6
6
'
'
$ 7%0
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com