Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW90-0004ATR Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW90-0004ATR
Description  GaAs SP6T Switch, Absorptive, Single Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW90-0004ATR Datasheet(HTML) 1 Page - Tyco Electronics

  SW90-0004ATR Datasheet HTML 1Page - Tyco Electronics SW90-0004ATR Datasheet HTML 2Page - Tyco Electronics SW90-0004ATR Datasheet HTML 3Page - Tyco Electronics SW90-0004ATR Datasheet HTML 4Page - Tyco Electronics SW90-0004ATR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
0
! "
# $
% #
&
'
(
) *
3
/ 456
7
7
7
$$8
7 3
8
/ ,.
7
9
9
8
3
9
1'
:
$
;
"
$
<
"
79 * 9
= 7> -' '''/
79)$
"
5? $
$$8
$
89
$
,
"
"
"
3
/ 456!
3
$
7> -' '''/
7> -' '''/
;
9
7> -' '''/ $<
0'''
7> -' '''/
$;
7
$
;
:
%<
:
10(
6
!"
#
#
0
9*
0-
4:3
*
2??
*'
:
(
:
*0
4:3
/
)
**
<+
1
1
*(
4:3
)
/
*/
4:3
.
(
*1
<+/
&
*
*)
4:3
-
0
*.
<+1
0'
:
*&
4:3
00
4:3
*-
<+)
0*
:
('
4:3
0(
4:3
(0
:
0/
<+0
(*
2??
01
4:3
((
2
0)
<+*
(/
:
0.
4:3
(1
2
0&
<+(
()
90
0
:
@ :
*
+
2??
,
4
3
3
(
,
A
' 0B+
"
(* C ((
/
$
,
"
"
<+
3
+
8+ 9


Similar Part No. - SW90-0004ATR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0004ATR MACOM-SW90-0004ATR Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0004ATR MA-COM-SW90-0004ATR Datasheet
154Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
More results

Similar Description - SW90-0004ATR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0004 MACOM-SW90-0004 Datasheet
251Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply, DC - 4 GHz
MASWCC0006 MACOM-MASWCC0006 Datasheet
257Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0004A MA-COM-SW90-0004A Datasheet
154Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply
MASWCC0006 MA-COM-MASWCC0006_15 Datasheet
768Kb / 6P
GaAs SP6T Switch, Absorptive, Single Supply
MASWCC0010 MA-COM-MASWCC0010_15 Datasheet
714Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com