Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X06M05 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC0X06M05
Description  AMC0x06M05 Precision, ±50mV Input Isolated Delta-Sigma Modulators With External Clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X06M05 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC0X06M05 Datasheet HTML 20Page - Texas Instruments AMC0X06M05 Datasheet HTML 21Page - Texas Instruments AMC0X06M05 Datasheet HTML 22Page - Texas Instruments AMC0X06M05 Datasheet HTML 23Page - Texas Instruments AMC0X06M05 Datasheet HTML 24Page - Texas Instruments AMC0X06M05 Datasheet HTML 25Page - Texas Instruments AMC0X06M05 Datasheet HTML 26Page - Texas Instruments AMC0X06M05 Datasheet HTML 27Page - Texas Instruments AMC0X06M05 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
7 Detailed Description
7.1 Overview
The AMC0x06M05 is a single-channel, second-order, CMOS, delta-sigma (ΔΣ) modulator designed for high
resolution shunt-based current sensing. The differential analog input is implemented with a switched-capacitor
circuit. The isolated output of the converter (DOUT) provides a stream of digital ones and zeros synchronous to
the external clock applied to the CLKIN pin. The time average of this serial output is proportional to the analog
input voltage.
The modulator shifts the quantization noise to high frequencies; therefore, use a digital low-pass digital filter,
such as a Sinc filter at the device output to increase overall performance. This filter also converts the 1-bit data
stream at a high sampling rate into a higher-bit data word at a lower rate (decimation). Use a microcontroller
(μC) or field-programmable gate array (FPGA) to implement the filter.
The overall performance (speed and resolution) depends on the selection of an appropriate oversampling ratio
(OSR) and filter type. A higher OSR results in higher resolution while operating at a lower refresh rate. A lower
OSR results in lower resolution, but provides data at a higher refresh rate. This system allows flexibility with the
digital filter design and is capable of analog-to-digital conversion results with a dynamic range exceeding 84dB
with OSR = 256.
The silicon-dioxide (SiO2) based capacitive isolation barrier supports a high level of magnetic field immunity; see
the ISO72x Digital Isolator Magnetic-Field Immunity application note. The AMC0x06M05 uses an on-off keying
(OOK) modulation scheme to transmit data across the isolation barrier. This modulation and the isolation barrier
characteristics, result in high reliability in noisy environments and high common-mode transient immunity.
7.2 Functional Block Diagram
DVDD
DOUT
DGND
AGND
INP
INN
AVDD
CLKIN
Modulator
Diagnostics
Digital
Interface
AMC0206M05, AMC0306M05
SBASAY8 – OCTOBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0206M05 AMC0306M05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com