Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X06M05 Datasheet(PDF) 35 Page - Texas Instruments

Part # AMC0X06M05
Description  AMC0x06M05 Precision, ±50mV Input Isolated Delta-Sigma Modulators With External Clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X06M05 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AMC0X06M05 Datasheet HTML 31Page - Texas Instruments AMC0X06M05 Datasheet HTML 32Page - Texas Instruments AMC0X06M05 Datasheet HTML 33Page - Texas Instruments AMC0X06M05 Datasheet HTML 34Page - Texas Instruments AMC0X06M05 Datasheet HTML 35Page - Texas Instruments AMC0X06M05 Datasheet HTML 36Page - Texas Instruments AMC0X06M05 Datasheet HTML 37Page - Texas Instruments AMC0X06M05 Datasheet HTML 38Page - Texas Instruments AMC0X06M05 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
8.4 Power Supply Recommendations
In a typical application, the high-side power supply (AVDD) for the AMC0x06M05 is generated from the low-side
supply (DVDD) by an isolated DC/DC converter. A low-cost option is based on the push-pull driver SN6501 and
a transformer that supports the desired isolation voltage ratings.
The AMC0x06M05 does not require any specific power-up sequencing. The high-side power supply (AVDD) is
decoupled with a low-ESR, 100nF capacitor (C1) parallel to a low-ESR, 1μF capacitor (C2). The low-side power
supply (DVDD) is equally decoupled with a low-ESR, 100nF capacitor (C3) parallel to a low-ESR, 1μF capacitor
(C4). Place all four capacitors (C1, C2, C3, and C4) as close to the device as possible. Figure 8-4 shows a
decoupling diagram for the AMC0x06M05.
R3 49.9
R2 10
R1 10
C5 10 nF
AVDD
DVDD
from MCU
to MCU
AVDD
AGND
INP
INN
DVDD
CLKIN
DOUT
DGND
C2 1 µF
C1 100 nF
C4 1 µF
C3 100 nF
C6 1 nF
C7 1 nF
I
Figure 8-4. Decoupling of the AMC0x06M05
Verify capacitors provide adequate effective capacitance under the applicable DC bias conditions experienced in
the application. Multilayer ceramic capacitors (MLCC) typically exhibit only a fraction of the nominal capacitance
under real-world conditions. Consider this factor when selecting these capacitors. This issue is especially acute
in low-profile capacitors, where the dielectric field strength is higher than in taller components. Reputable
capacitor manufacturers provide capacitance versus DC bias curves that greatly simplify component selection.
8.5 Layout
8.5.1 Layout Guidelines
The Layout Example section provides a layout recommendation detailing the critical placement of the decoupling
and filter capacitors. Place decoupling and filter capacitors as close as possible to the AMC0x06M05 input pins.
8.5.2 Layout Example
DOUT
CLKIN
Top Metal
Inner or Bottom Layer Metal
Via
AGND
AVDD
DVDD
C7
R2
C6
R1
C2
C1
Clearance area, keep free of any
conductive materials
DGND
INP
INN
C3
C4
R3
CLKIN (from MCU)
to MCU
Figure 8-5. Recommended Layout of the AMC0x06M05
www.ti.com
AMC0206M05, AMC0306M05
SBASAY8 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: AMC0206M05 AMC0306M05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com