Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM311 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM311
Description  Voltage comparator with strobe
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM311 Datasheet(HTML) 4 Page - STMicroelectronics

  LM311 Datasheet HTML 1Page - STMicroelectronics LM311 Datasheet HTML 2Page - STMicroelectronics LM311 Datasheet HTML 3Page - STMicroelectronics LM311 Datasheet HTML 4Page - STMicroelectronics LM311 Datasheet HTML 5Page - STMicroelectronics LM311 Datasheet HTML 6Page - STMicroelectronics LM311 Datasheet HTML 7Page - STMicroelectronics LM311 Datasheet HTML 8Page - STMicroelectronics LM311 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute maximum ratings & operating conditions
LM111-LM211-LM311
4/14
2
Absolute maximum ratings & operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
36
V
Vid
Differential input voltage
±30
V
Vi
Input voltage (1)
1.
This rating applies for ±15V supplies. The positive input voltage limit is 30V above the negative. The
negative input voltage is equal to the negative supply voltage or 30V below the positive supply, whichever
is less.
±15
V
V(1-4)
Ground to negative supply voltage
30
V
V(7-4)
Output to negative supply voltage
LM111-LM211
LM311
50
40
V
Output short-circuit duration
10
s
Voltage at strobe pin
VCC
+ -5
V
pd
Power dissipation (2)
DIP8
SO-8
2.
Pd is calculated with Tamb = +25°C, Tj = +150°C and Rthja = 100°C/W for the DIP8 package, and
Rthja = 175°C/W for the SO-8 package.
1250
710
mW
Tj
Junction temperature
+150
°C
Tstg
Storage temperature range
-65 to +150
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
5 to ±15
V
Toper
Operating free-air temperature range
LM111
LM211
LM311
-55 to +125
-40 to +105
0 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com