Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM311 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM311
Description  Voltage comparator with strobe
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM311 Datasheet(HTML) 5 Page - STMicroelectronics

  LM311 Datasheet HTML 1Page - STMicroelectronics LM311 Datasheet HTML 2Page - STMicroelectronics LM311 Datasheet HTML 3Page - STMicroelectronics LM311 Datasheet HTML 4Page - STMicroelectronics LM311 Datasheet HTML 5Page - STMicroelectronics LM311 Datasheet HTML 6Page - STMicroelectronics LM311 Datasheet HTML 7Page - STMicroelectronics LM311 Datasheet HTML 8Page - STMicroelectronics LM311 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM111-LM211-LM311
Electrical characteristics
5/14
3
Electrical characteristics
Table 3.
VCC
+ = ±15V, T
amb = +25°C (unless otherwise specified)
Symbol
Parameter
Conditions
LM111 - LM211
LM311
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input offset voltage (1)
RS ≤ 50kΩ
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0.7
3
4
27.5
10
mV
Iio
Input offset current (1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
410
20
650
70
nA
Iib
Input bias current (1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
60
100
150
100
250
300
nA
Avd
Large signal voltage gain
40
200
40
200
V/mV
ICC
+
ICC
-
Supply currents
Positive
Negative
5.1
4.1
6
5
5.1
4.1
7.5
5
mA
Vicm
Input common mode
voltage range
Tmin ≤ Tamb ≤ Tmax
-14.5 +13.8
-14.7
+13
-14.5 +13.8
-14.7
+13
V
VOL
Low level output voltage
Tamb = +25°C, IO = 50mA,
Vi ≤-5mV
0.75
1.5
V
Tamb = +25°C, IO = 50mA,
Vi ≤-10mV
0.75
1.5
Tmin ≤ Tamb ≤ Tmax
VCC
+ ≥ +4.5V, VCC- = 0
IO = 8mA, Vi ≤-6m
0.23
0.4
Tmin ≤ Tamb ≤ Tmax
VCC
+ ≥ +4.5V, VCC- = 0
IO = 8mA, Vi ≤ -10mV
0.23
0.4
IOH
High level output current
Tamb = +25°C
Vi
≥ +5mV, VO = +35V
0.2
10
nA
Tamb = +25°C
Vi
≥ +10mV, VO = +35V
0.2
50
nA
Tmin ≤ Tamb ≤ Tmax
Vi
≥ +5mV, VO = +35V
0.1
0.5
µA
Istrobe
Strobe current
3
3
mA
tre
Response time (2)
200
200
ns
1.
The offset voltage, offset current and bias current specifications apply for any supply voltage from a single +5V supply up to
±15V supplies. The offset voltages and offset currents given are the maximum values required to drive the output down to
+1V or up to +14V with a 1mA load current. Thus, these parameters define an error band and take into account the worst-
case of voltage gain and input impedance.
2.
The response time specified is for a 100mV input step with 5mV overdrive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com