Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20120CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20120CT
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20120CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20120CT Datasheet HTML 1Page - STMicroelectronics STPS20120CT Datasheet HTML 2Page - STMicroelectronics STPS20120CT Datasheet HTML 3Page - STMicroelectronics STPS20120CT Datasheet HTML 4Page - STMicroelectronics STPS20120CT Datasheet HTML 5Page - STMicroelectronics STPS20120CT Datasheet HTML 6Page - STMicroelectronics STPS20120CT Datasheet HTML 7Page - STMicroelectronics STPS20120CT Datasheet HTML 8Page - STMicroelectronics STPS20120CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2007
Rev 2
1/9
9
STPS20120C
Power Schottky rectifier
Main product characteristics
Feature and benefits
■ High junction temperature capability
■ Avalanche rated
■ Low leakage current
■ Good trade-off between leakage current and
forward voltage drop
Description
Dual center tap Schottky rectifier suited for high
frequency switch mode power supply.
Packaged in TO-220AB, I2PAK and TO-220FPAB,
this device is intended to be used in notebook and
LCD adaptors, desktop SMPS, providing in these
applications a margin between the remaining
voltages applied on the diode and the voltage
capability of the diode.
Order code
IF(AV)
2 x 10 A
VRRM
120 V
Tj(max)
175° C
VF(typ)
0.54 V
Part Number
Marking
STPS20120CT
STPS20120CT
STPS20120CR
STPS20120CR
STPS20120CFP
STPS20120CFP
K
A2
A1
K
A2
A1
TO-220AB
STPS20120CT
I2PAK
STPS20120CR
K
K
A2
A1
K
A1
A2
TO-220FPAB
STPS20120CFP
Table 1.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
120
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current,
δ = 0.5
TO-220AB, I2PAK
Tc = 150° C Per diode
Per device
10
A
Tc = 145° C
20
TO-220FPAB
Tc = 125° C Per diode
Per device
10
Tc = 100° C
20
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
150
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
4600
W
Tstg
Storage temperature range
-65 to + 175
° C
Tj
Maximum operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
175
° C
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
www.st.com


Similar Part No. - STPS20120CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20120CT STMICROELECTRONICS-STPS20120CT Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
18-Feb-2005
logo
Inchange Semiconductor ...
STPS20120CT ISC-STPS20120CT Datasheet
258Kb / 2P
Power Schottky Rectifier
logo
STMicroelectronics
STPS20120CT STMICROELECTRONICS-STPS20120CT Datasheet
275Kb / 14P
Power Schottky rectifier
02-Nov-2016
STPS20120CT STMICROELECTRONICS-STPS20120CT Datasheet
198Kb / 9P
Power Schottky rectifier
02-Jul-2018
STPS20120CTN STMICROELECTRONICS-STPS20120CTN Datasheet
275Kb / 14P
Power Schottky rectifier
02-Nov-2016
More results

Similar Description - STPS20120CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com