Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM323 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM323
Description  THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM323 Datasheet(HTML) 1 Page - STMicroelectronics

  LM323 Datasheet HTML 1Page - STMicroelectronics LM323 Datasheet HTML 2Page - STMicroelectronics LM323 Datasheet HTML 3Page - STMicroelectronics LM323 Datasheet HTML 4Page - STMicroelectronics LM323 Datasheet HTML 5Page - STMicroelectronics LM323 Datasheet HTML 6Page - STMicroelectronics LM323 Datasheet HTML 7Page - STMicroelectronics LM323 Datasheet HTML 8Page - STMicroelectronics LM323 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM123/LM223
LM323
March 1993
THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
.
OUTPUT CURRENT : 3A
.
INTERNAL CURRENT AND THERMAL LIMI-
TING
.
TYPICAL OUPUT IMPEDANCE : 0.01
Ω
.
MINIMUM INPUT VOLTAGE : 7.5V
.
POWER DISSIPATION : 30W
DESCRIPTION
The LM123, LM223, LM323 are three-terminal posi-
tive voltage regulators with a preset 5V output and
a load driving capability of 3A. New circuit design
and processing techniques are used to provide the
high output current without sacrificing the regulation
characteristics of lower current devices.
The 3A regulator is virtually blowout proof.
Current limiting, power limiting and thermal shut-
down provide the same high level of reliability ob-
tained with these techniques in the LM209, 1A regu-
lator.
An overall worst case specification for the combined
effects of input voltage, load current, ambient tem-
perature, and power dissipation ensure that the
LM123, LM223, LM323 will perform satisfactorily as
a system element.
TO-3
PIN CONNECTION
1 - Input
2 - Output
TO-3
(bottom view)
ORDER CODES
Part Number
Temperature
Range
Package
KT
LM123
-55
oC to 150 oC
•
LM223
-25
oC to 150 oC
•
LM323
0
oC to 125 oC
••
TO-220
TO-220
(front view)
1 - Input
2 - Output
3 - GND
1/9


Similar Part No. - LM323

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM323 ONSEMI-LM323 Datasheet
126Kb / 8P
3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
1996 Rev 0
LM323 ONSEMI-LM323 Datasheet
78Kb / 8P
3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
logo
STMicroelectronics
LM323 STMICROELECTRONICS-LM323 Datasheet
725Kb / 15P
Three-terminal 3 A adjustable voltage regulators
12-Feb-2008
logo
SYC Electronica
LM323 SYC-LM323 Datasheet
210Kb / 8P
THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
logo
Connor-Winfield Corpora...
LM323-155.52M CONNOR-WINFIELD-LM323-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
More results

Similar Description - LM323

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
78L05 KIA-78L05 Datasheet
51Kb / 3P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V
78L05FS KIA-78L05FS Datasheet
52Kb / 3P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V
78L05T KIA-78L05T Datasheet
51Kb / 3P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com