Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM323 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM323
Description  THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM323 Datasheet(HTML) 3 Page - STMicroelectronics

  LM323 Datasheet HTML 1Page - STMicroelectronics LM323 Datasheet HTML 2Page - STMicroelectronics LM323 Datasheet HTML 3Page - STMicroelectronics LM323 Datasheet HTML 4Page - STMicroelectronics LM323 Datasheet HTML 5Page - STMicroelectronics LM323 Datasheet HTML 6Page - STMicroelectronics LM323 Datasheet HTML 7Page - STMicroelectronics LM323 Datasheet HTML 8Page - STMicroelectronics LM323 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISICS
LM123: -55
o C< Tj < 150 oC
LM223: -25
o C< Tj < 150 oC
LM323: 0
oC< Tj < 150 oC
Symbol
Parameter
LM123/LM223
LM323
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
VO
Output Voltage Range (Note 2)
Tamb =25
oC, VI = 7.5 V, IO =0
4.7
5
5.3
4.8
5
5.2
V
VO
Output Voltage Range (Note 2)
Tmin
≤ Tj ≤ Tmax,P ≤ Pmax
7.5 V
≤ VI ≤ 15 V, 0 ≤ IO ≤ 3A
4.6
5.4
4.75
5.25
V
KVI
Line Regulation (Note 3)
Tj =25
oC, 7.5 V
≤ VI ≤ 15V
5
25
5
25
mV
KVO
Load Regulation (Note 3)
Tj =25
oC, VI = 7.5 V, 0 ≤ IO ≤ 3A
25
100
25
100
mV
IIB
Quiescent Current
7.5 V
≤ VI ≤ 15 V, 0 ≤ IO ≤ 3A
12
20
12
20
mA
VNO
Output Noise Voltage
Tamb =25
oC, 10 Hz
≤ f ≤ 100 KHz
40
40
µVrms
IOS
Short Circuit Current Limit (Tj =25
oC)
VI =15 V
VI = 7.5V
3
4
4.5
5
3
4
4.5
5
A
A
KVH
Long Term Stability
35
35
mV
Notes : 1. Although power dissipation is internally limited, specifications apply only for P
≤ 30W.
2. Selected devices with tightened tolerance output voltage available.
3. Load and line regulation are specified at constant junction temperature. Pulse testing is required with a pulse width
≤ 1ms and a duty cycle ≤ 5%.
LM123-LM223-LM323
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com