Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG4500 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SCG4500
Description  Synchronous Clock Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCG4500 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SCG4500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 9Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 10Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Data Sheet #: SG040
Page 7 of 16
Rev: P01
Date: 11/13/03
© Copyright 2003 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Pin Description
Table 6
Pin #
Pin Name
Pin Information
Note
1
ENABLE/TRI-STATE
VCXO Enable. (Enable = 0, Disable = 1 = CMOS Outputs Tri-stated)
9.0
2
TCK
No Connection, Internal Factory Programming Input.
8.0
3
TDO
No Connection, Internal Factory Programming Input.
8.0
4
REF
A
CMOS Reference Frequency Input.
5
SEL
AB
Input Reference Select Pin. (REFA = 0, REFB = 1)
9.0
6
RESET
RESET. (RESET = 1)
9.0
7
REF
B
CMOS Reference Frequency Input.
8V
ee
Ground.
9FR
status
Free Run Status. (FR = 1)
10
V
cc
Supply Voltage relative to ground.
11
N/C
No Connection. (Optional Reference Output Available)
8.0, 8.1
12
ALARM
Loss of Reference / Lock alarm. (Alarm = 1)
13
FR
Force Free Run. (Phase Lock = 0, Free Run = 1)
9.0
14
TDI
No Connection, Internal Factory Programming Input.
8.0
15
TMS
No Connection, Internal Factory Programming Input.
8.0
16
QN
LVPECL Complementary Output.
17
V
ee
Ground.
18
Q
LVPECL Output.
Circuit Board Footprint & Keepout Recommendations
Figure 6
0.8400
[21.34 mm]
1.0400
[26.42 mm]
0.8650
[21.97 mm]
0.1000
[2.54 mm]
0.0350
[0.89 mm]
0.0650
[1.65 mm]
0.1000
[2.54 mm]
Keep Out
Area
1.0700
[27.18 mm]
NOTES
8.0
Do not connect pin
8.1
Contact a Sales Representative for availibilty
and use of optional reference output
9.0
Input pulled to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com