Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG4500 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SCG4500
Description  Synchronous Clock Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCG4500 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SCG4500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 9Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 10Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 11Page - List of Unclassifed Manufacturers SCG4500 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Preliminary Data Sheet #: SG040
Page 8 of 16
Rev: P01
Date: 11/13/03
© Copyright 2003 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
LOL
(Internal Signal)
Phase Detector
(Internal Signal)
External Reference
(Selected Input A or B)
Internal Reference
(Internal Signal)
LOR
(Internal Signal)
4
2
2
2
2
2
2
2
2
2
2
2
2
2
2
3
2
Start-up
Region
1
1
Alarm Output
(LOR + LOL)
Start-up Region
1
19.44 MHz Reference Input Units
8 kHz Reference Input Units
< 31.25
µsec
31.25
µsec
> 31.25
µsec
< 1
µsec
> 1
µsec
1
µsec
2
3
4
125
µsec wide range
LOR is active when LOL is active
5
Minimum pulse width = 2
µsec
Minimum pulse width = 62.5
µsec
During Start-up, The LOL Alaram will pulse
during the few seconds of operation
Loss of Reference Condition Alarm Timing
Figure 7
AlarmTiming Legend
Use for all alarm timing diagrams
Table 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com