Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3544 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3544
Description  4-ch, 0.5A loading, 2.7-5.5V, 90mΩ USB power switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3544 Datasheet(HTML) 4 Page - Texas Instruments

  LM3544 Datasheet HTML 1Page - Texas Instruments LM3544 Datasheet HTML 2Page - Texas Instruments LM3544 Datasheet HTML 3Page - Texas Instruments LM3544 Datasheet HTML 4Page - Texas Instruments LM3544 Datasheet HTML 5Page - Texas Instruments LM3544 Datasheet HTML 6Page - Texas Instruments LM3544 Datasheet HTML 7Page - Texas Instruments LM3544 Datasheet HTML 8Page - Texas Instruments LM3544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM3544
SNVS062C – AUGUST 2000 – REVISED MAY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Voltage at INX and OUTX pins
−0.3V to 6V
Voltage at ENX(ENX) and FLAGX pins
−0.3V to 5.5V
Power Dissipation(3)
Internally Limited
Maximum Junction Temperature
150°C
Storage Temperature Range
−65°C to 150°C
Lead Temperature Range (Soldering, 5 sec.)
260°C
ESD Rating(4)
2 kV
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions.
(3)
The maximum allowable power dissipation is a function of the Maximum Junction Temperature (TJMAX), Junction to Ambient Thermal
Resistance (
θJA), and the Ambient Temperature (TA). The LM3544 in the 16-pin SOIC package has a TJMAX of 150°C and a θJA of
130°C/W. The maximum allowable power dissipation at any temperature is PMAX = (TJMAX − TA)/θJA. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the part will go into thermal shutdown.
(4)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
RECOMMENDED OPERATING CONDITIONS
Supply Voltage Range
2.7V to 5.5V
Continuous Output Current Range (Each Output)
0 mA to 500 mA
Junction Temperature Range
−40°C to 125°C
DC ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = 5.0V, ENX = VIN (LM3544-H) or ENX = 0V (LM3544-L).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RON
On Resistance
VIN = 5V, IOUTX = 0.5A
90
125
m
Ω
VIN = 3.3V, IOUTX = 0.5A
95
130
IOUT
OUTX Continuous Output Current
3.0V
≤ VIN ≤ 5.5V
0.5
A
ILEAK-OUT
OUTX Leakage Current
ENX = 0 (ENX = VIN); TJ = 25°C
0.01
1
μA
ENX = 0 (ENX = VIN); − 40 ≤ TJ ≤
10
μA
125°C
ISC
OUTX Short-Circuit Current
(1)
OUTX Connected to GND
0.8
1.25
A
OCTHRESH
Overcurrent Threshold
2.0
3.2
A
VL_FLAG
FLAGX Output-Low Voltage
I(FLAGX) = 10 mA
0.1
0.3
V
ILEAK-FLAG
FLAGX Leakage Current
2.7
≤ VFLAG ≤ 5.5V
1
μA
ILEAK-EN
ENX Input Leakage Current
ENX/ENX = 0V or ENX/ENX = VIN
-0.5
0.5
μA
VIH
EN/EN Input Logic High
2.7V
≤ VIN ≤ 5.5V
2.4
V
VIL
EN/EN Input Logic Low
4.5V
≤ VIN ≤ 5.5V
0.8
V
2.7V
≤ VIN ≤ 4.5V
0.4
V
VUVLO
Under-Voltage Lockout Threshold
1.8
V
IDDON
Operational Supply Current
ENX = VIN (ENX = 0 ); TJ = 25°C
375
600
μA
ENX = VIN (ENX = 0 ); −40°C ≤ TJ ≤
800
μA
125°C
IDDOFF
Shutdown Supply Current
ENX = 0 (ENX = VIN); TJ = 25°C
1
μA
−40°C ≤ TJ ≤ 125°C
5
μA
(1)
Thermal Shutdown will protect the device from permanent damage.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com