Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3544 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3544
Description  4-ch, 0.5A loading, 2.7-5.5V, 90mΩ USB power switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3544 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3544 Datasheet HTML 6Page - Texas Instruments LM3544 Datasheet HTML 7Page - Texas Instruments LM3544 Datasheet HTML 8Page - Texas Instruments LM3544 Datasheet HTML 9Page - Texas Instruments LM3544 Datasheet HTML 10Page - Texas Instruments LM3544 Datasheet HTML 11Page - Texas Instruments LM3544 Datasheet HTML 12Page - Texas Instruments LM3544 Datasheet HTML 13Page - Texas Instruments LM3544 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM3544
SNVS062C – AUGUST 2000 – REVISED MAY 2013
www.ti.com
When a port is in a current-limit condition, the LM3544 senses the output voltage on that port and, if it is less
than 1.0V (typ.), will reduce the output current through that port. This operation is shown in Figure 22, below. The
current reduction, or foldback, reduces power dissipation through the overloaded MOSFET switch. An additional
advantage of the foldback feature is the reduction of power required from the source supply when one or more
output ports are shorted.
Figure 22. Short-Circuit Output Current (with Foldback) vs. Output Voltage
THERMAL SHUTDOWN
The LM3544 is internally protected against excessive power dissipation by a two-stage thermal protection circuit.
If the device temperature rises to approximately 145°C, the thermal shutdown circuitry turns off any switch that is
current limited. Non-overloaded switches continue to function normally. If the die temperature rises above 160°C,
all switches are turned off and all four fault flag outputs are activated. Hysteresis ensures that a switch turned off
by thermal shutdown will not be turned on again until the die temperature is reduced to 135°C. Shorted switches
will continue to cycle off and on, due to the rising and falling die temperature, until the short is removed.\
The thermal shutdown function is shown graphically in Figure 23 and Figure 24.
Figure 23. Thermal Shutdown Characteristics
when only the First-Stage Thermal-Shutdown Mode is Needed
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com