Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS16 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LS16
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS16 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LS16 Datasheet HTML 1Page - Texas Instruments SN74LS16 Datasheet HTML 2Page - Texas Instruments SN74LS16 Datasheet HTML 3Page - Texas Instruments SN74LS16 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SN54LS06, SN54LS16, SN74LS06, SN74LS16
HEX INVERTER BUFFERS/DRIVERS WITH
OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SDLS020A – MAY 1990
Copyright
© 1990, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Converts TTL Voltage Levels to MOS
Levels
• High Sink-Current Capability
• Input Clamping Diodes Simplify System
Design
• Open-Collector Driver for Indicator Lamps
and Relays
• Package Options Include “Small Outline”
Packages, Ceramic Chip Carriers, and
Standard Plastic and Ceramic 300-mil DIPs
description
These monolithic hex inverter buffers/drivers
feature high-voltage open-collector outputs to
interface with high-level circuits (such as MOS), or
for driving high-current loads, and are also
characterized for use as inverter buffers for driving
TTL inputs. The
′LS06 has a rated output voltage
of 30 V and the
′LS16 has a rated output voltage
of 15 V. The maximum sink current for the
SN54LS06 and SN54LS16 is 30 mA and the
SN74LS06 and SN74LS16 is 40 mA.
These circuits are compatible with most TTL
families. Inputs are diode-clamped to minimize
transmission-effects, which simplifies design.
Typical power dissipation is 175 mW and average
propagation delay time is 8 ns.
The SN54LS06 and SN54LS16 are characterized over the full military temperature range of – 55
°C to 125°C.
The SN74LS06 and SN74LS16 are characterized for operation from 0
°C to 70°C.
logic symbol†
logic diagram (positive logic)
1Y
2
1
1A
2Y
4
3Y
6
4Y
8
5Y
10
6Y
12
3
2A
5
3A
9
4A
11
5A
13
6A
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
Pin numbers shown are for D, J, and N packages.
1
3
5
9
11
13
2
4
6
8
10
12
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LS06, SN54LS16 . . . J PACKAGE
SN74LS06, SN74LS16 . . . D OR N PACKAGE
(T0P VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LS06, SN54LS16 . . . FK PACKAGE
(T0P VIEW)
NC – No internal connection
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - SN74LS16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS16 TI-SN74LS16 Datasheet
443Kb / 13P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN74LS16 TI-SN74LS16 Datasheet
584Kb / 16P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS
SN74LS16 TI-SN74LS16 Datasheet
614Kb / 16P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN74LS160A TI-SN74LS160A Datasheet
756Kb / 23P
SYNCHRONOUS 4-BIT COUNTERS
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
More results

Similar Description - SN74LS16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5406 TI-SN5406 Datasheet
140Kb / 7P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS06 TI-SN54LS06 Datasheet
443Kb / 13P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Hitachi Semiconductor
HD74LS06 HITACHI-HD74LS06 Datasheet
55Kb / 6P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
HD74LS07 HITACHI-HD74LS07 Datasheet
53Kb / 6P
Hex Buffers/Drivers(With Open Collector High-Voltage Ouputs)
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06 Datasheet
74Kb / 8P
Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
logo
KODENSHI_AUK CORP.
KK7406 KODENSHI-KK7406 Datasheet
252Kb / 4P
Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN54LS06 TI-SN54LS06_07 Datasheet
584Kb / 16P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06_1 Datasheet
63Kb / 6P
Hex Inverter Buffers / Drivers (with Open Collector High-Voltage Output)
logo
IK Semicon Co., Ltd
IN7406 IKSEMICON-IN7406 Datasheet
241Kb / 4P
Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN7416J TI-SN7416J Datasheet
1Mb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com