Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS16 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LS16
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS16 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LS16 Datasheet HTML 1Page - Texas Instruments SN74LS16 Datasheet HTML 2Page - Texas Instruments SN74LS16 Datasheet HTML 3Page - Texas Instruments SN74LS16 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IOH
VCC = MIN,
VIL = 0.8 V
mA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AY
RL = 110 Ω,CL = 15 pF
ns
PRODUCT PREVIEW information concerns products in
the
formative
or
design
phase
of
development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
SN54LS06, SN54LS16, SN74LS06, SN74LS16
HEX INVERTER BUFFERS/DRIVERS WITH
OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SDLS020A – MAY 1990
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
SN54LS06
SN74LS06
PARAMETER
TEST CONDITIONS†
SN54LS16
SN74LS16
UNIT
MIN
TYP‡
MAX
MIN
TYP‡
MAX
VIK
VCC = MIN,
II = – 12 mA
– 1.5
– 1.5
V
’LS06,
VOH = 30 V
0.25
0.25
’LS16,
VOH = 15 V
0.25
0.25
IOL = 16 mA
0.25
0.4
0.25
0.4
VOL
VCC = MIN,
VIH = 2 V
IOL = 30 mA
0.7
V
IOL = 40 mA
0.7
II
VCC = MAX,
VI = 7 V
1
1
mA
IIH
VCC = MAX,
VI = 2.4 V
20
20
µA
IIL
VCC =MAX,
VI = 0.4 V
– 0.2
– 0.2
mA
ICCH
VCC = MAX
18
18
mA
ICCL
VCC = MAX
60
60
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, and TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C (see Note 3)
FROM
TO
(INPUT)
(OUTPUT)
tPLH
7
15
tPHL
10
20
NOTE 3: Load circuit and voltage waveforms are shown in Section 1 of
TTL Logic Data Book, 1988.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com