Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM237 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM237
Description  THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM237 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM237 Datasheet HTML 3Page - STMicroelectronics LM237 Datasheet HTML 4Page - STMicroelectronics LM237 Datasheet HTML 5Page - STMicroelectronics LM237 Datasheet HTML 6Page - STMicroelectronics LM237 Datasheet HTML 7Page - STMicroelectronics LM237 Datasheet HTML 8Page - STMicroelectronics LM237 Datasheet HTML 9Page - STMicroelectronics LM237 Datasheet HTML 10Page - STMicroelectronics LM237 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Figure 1.
Figure 2.
When power is dissipated in an IC, a temperature
gradient occurs across the IC chip affecting the in-
dividual IC circuit components. With an IC regulator,
this gradient can be especially severe since power
dissipation is large.
Thermal regulation is the effect of these tempera-
ture gradients on output voltage (in percentage out-
put change) per watt of power change in a specified
time. Thermal regulation error is independent of
electrical regulation or temperature coefficient, and
occurs within 5ms to 50ms after a change in power
dissipation. Thermal regulation depends on IC
layout as well as electrical design. The thermal regu-
lation of a voltage regulator is defined as the per-
centage change of VO, per watt, within the first 10ms
after a step of power, is applied.
The LM137 specification is 0.02 %/W max.In figure
1, a typical LM337’s output drifts only 3mV for 0.03%
of VO = – 10V) when a 10W pulse is applied for
10ms. This performance is thus well inside the spe-
cification limit of 0.02%/W x 10W = 0.2% max. When
the 10W pulse is ended the thermal regulation again
shows a 3mV step as the LM137 chip cools off.
Note that the load regulation error of about
8mV(0.08%) is additional to the thermal regulation
error.
In figure 2, when the 10W pulse is applied for
100ms, the output drifts only slightly beyond the drift
in the first 10ms and the thermal error stays well
within 0.1% (10mV).
LM 337, V0 = – 10V
VI –V0 = – 40V
IL =0A
→ 0.25A → 0A
Vertical sensitivity 5mV/div.
LM 337, V0 = – 10V
VI –V0 = – 40V
IL =0A
→ 0.25A → 0A
Horizontal sensitivity 20msN/div.
THERMAL REGULATION
LM137-LM237-LM337
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com