Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM237 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM237
Description  THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM237 Datasheet(HTML) 4 Page - STMicroelectronics

  LM237 Datasheet HTML 1Page - STMicroelectronics LM237 Datasheet HTML 2Page - STMicroelectronics LM237 Datasheet HTML 3Page - STMicroelectronics LM237 Datasheet HTML 4Page - STMicroelectronics LM237 Datasheet HTML 5Page - STMicroelectronics LM237 Datasheet HTML 6Page - STMicroelectronics LM237 Datasheet HTML 7Page - STMicroelectronics LM237 Datasheet HTML 8Page - STMicroelectronics LM237 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ELECTRICAL CHARACTERISICS
LM137: -55
o C< Tj < 150 oC
LM237: -25
o C< Tj < 150 oC
LM337: 0
oC< Tj < 150 oC
VI -VO =5V, IO = 0.5 A (unless otherwise specified)
Symbol
Parameter
LM137/LM237
LM337
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference Voltage
Tamb =25
oC
Tmin
≤ Tj ≤ Tmax
3V
≤ |VI -VO| ≤ 40V, 10mA ≤ |IO| ≤ |IO(max)|
P
≤ Pmax
-1.225
-1.2
-1.25
-1.25
-1.275
-1.3
-1.213
-1.2
-1.25
-1.25
-1.287
-1.3
V
KVI
Line Regulation
(Tamb =25
oC, 3V ≤ |VI -VO| ≤ 40V) - Note 2
IO = 0.1 A
IO =20 mA
0.01
0.01
0.02
0.02
0.01
0.01
0.04
0.04
%/V
%/V
KVO
Load Regulation
(Tamb =25
oC, 10mA ≤ |IO| ≤ |IO(max)|) - Note 2
|VO|
≤ 5V
|VO|
≥ 5V
15
0.3
25
0.5
15
0.3
50
1
mV
%
Thermal Regulation (Tamb =25
oC, pulse 10 ms)
0.002
0.02
0.003
0.04
%/W
Iadj
Adjustment Pin Current
65
100
65
100
µA
∆Iadj
Adjustment Pin Current Change
(Tamb =25
oC, 10mA ≤ |IO| ≤ |IO(max)|,
3V
≤ |VI -VO| ≤ 40V)
25
2
5
µA
KVI
Line Regulation (3V
≤ |VI -VO| ≤ 40V) - Note 2
0.02
0.05
0.02
0.07
%/V
KVO
Load Regulation
(10mA
≤ |IO| ≤ |IO(max)|) - Note 2
|VO|
≤ 5V
|VO|
≥ 5V
20
0.3
50
1
20
0.3
70
1.5
mV
%
|IO(min)|
Minimum Load Current
|VI -VO|
≤ 40V
|VI -VO|
≤ 10V
2.5
1.2
5
3
2.5
1.5
10
6
mA
mA
IOS
Short Circuit Output Current
|VI -VO|
≤ 15V (TO-3 and TO-220)
|VI -VO|
≤ 15V (TO-39)
|VI -VO| = 40V, Tj =25
oC (TO-3 and TO-220)
|VI -VO| = 40V, Tj =25
oC (TO-39)
1.5
0.5
0.24
0.15
2.2
0.4
0.2
1.5
0.5
0.15
0.1
2.2
0.4
0.2
A
A
A
A
VNO
RMS Output Noise (% of VO)
Tamb =25
oC, 10Hz ≤ f ≤ 10KHz
0.003
0.003
%
Rvf
Ripple Rejection Ratio
VO = - 10 V, f = 120 Hz
Cadj =10
µF66
60
77
66
60
77
dB
dB
KVT
Temperature Stability
0.6
0.6
%
KVH
Long Term Stability (Tamb = 125
oC, 1000H)
0.3
1
0.3
1
%
Notes : 1. Although power dissipation is internally limited, these specifications are applicable for power dissipation of :
• 2W for TO-39
• 15W for TO-220
• 20W for TO-3 Package
IO(max) is :
• 1.5A for TO-3 and TO-220
• 0.5A for TO-39
2. Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in out-
put voltage due to heating effects are covered under the specification for thermal regulation.
LM137-LM237-LM337
4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com