Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA33013TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA33013TR
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA33013TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA33013TR Datasheet HTML 17Page - STMicroelectronics STA33013TR Datasheet HTML 18Page - STMicroelectronics STA33013TR Datasheet HTML 19Page - STMicroelectronics STA33013TR Datasheet HTML 20Page - STMicroelectronics STA33013TR Datasheet HTML 21Page - STMicroelectronics STA33013TR Datasheet HTML 22Page - STMicroelectronics STA33013TR Datasheet HTML 23Page - STMicroelectronics STA33013TR Datasheet HTML 24Page - STMicroelectronics STA33013TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
STA330
Analog-digital converter (ADC)
21/55
7
Analog-digital converter (ADC)
7.1
Functional description
The STA330 analog input is provided through a low-power, low-voltage, stereo, audio-ADC
front end designed for audio applications. It includes a programmable gain amplifier, anti-
aliasing filter, a low-noise microphone biasing circuit, a third-order, MASH2-1, delta-sigma
modulator, a digital decimating filter and a first-order DC-removal filter. This device is
fabricated using a 0.18 µm CMOS process, where high-speed precision analog circuits are
combined with high-density logic circuits.
The ADC works in a microphone-input (mic-in) mode and in a line-input mode.
If the line-input mode is selected, the ADC is configured in stereo and all conversion
channels are active.
If the microphone-input mode is selected, the ADC is configured in mono. The mono
channel is routed through the left conversion path, and the right conversion path is kept in
power-down mode to minimize power consumption. A programmable gain amplifier (PGA) is
available in mic-in mode, giving the possibility to amplify the signal from 0 to +42 dB in steps
of 6 dB.
7.1.1
Digital anti-aliasing filter characteristics
The digital filter characteristics are shown in Table 12.
Table 12.
Digital filter characteristics
Parameter
Typical
Pass band
0.4535 * fS
Pass band ripple:
Fs mode
Fs_by_2 mode
Fs_by_4 mode
0.08 dB at 44.1 kHz
0.08 dB at 22.05 kHz
0.08 dB at 11.025 kHz
Stop band attenuation:
Fs mode
Fs_by_2 mode
Fs_by_4 mode
45 dB at 44.1 kHz
45 dB at 22.05 kHz
45 dB at 11.025 kHz
Group delay:
Fs mode
Fs_by_2 mode
Fs_by_4 mode
0.4 ms at 32 kHz
0.7 ms at 16 kHz
1.4 ms at 8 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com