Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA33013TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA33013TR
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA33013TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA33013TR Datasheet HTML 19Page - STMicroelectronics STA33013TR Datasheet HTML 20Page - STMicroelectronics STA33013TR Datasheet HTML 21Page - STMicroelectronics STA33013TR Datasheet HTML 22Page - STMicroelectronics STA33013TR Datasheet HTML 23Page - STMicroelectronics STA33013TR Datasheet HTML 24Page - STMicroelectronics STA33013TR Datasheet HTML 25Page - STMicroelectronics STA33013TR Datasheet HTML 26Page - STMicroelectronics STA33013TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
STA330
Analog-digital converter (ADC)
23/55
7.3
Configuration examples
The ADC sampling frequency can be selected from three values:
"
normal (from 32 kHz to 48 kHz)
"
low (from 16 kHz to 24 kHz)
"
very-low (from 8 kHz to 12 kHz).
The setting is done through bits ADC_FS_RANGE in register MISC on page 48. For all
other settings, register ADCCFG on page 47 is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com