Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0959/P Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # PX0959/P
Description  General Purpose Connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0959/P Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  PX0959/P Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.bulgin.co.uk
Plugs and Sockets (2 Pole + Earth)
PX0429
PX0430/SE
PX0646
Specification
PX0429
PX0430/SE
PX0646
Terminations:
Solder Tags
Solder Tags
Solder Tags
Max. Rating:
3A, 250V a.c.
3A, 250V a.c.
3A, 250V a.c.
Contact Resistance:
<10m
Ω
<10m
Ω
<10m
Ω
Insulation Resistance:
>105 M
Ω
>105 M
Ω
>105 M
Ω
A.C. Breakdown:
Pole-Pole 4.5kV
Pole-Pole 4.5kV
Pole-Pole 4.5kV
Poles-Panel 8.5kV
Poles-Accessible Parts 3.5kV
Poles-Accessible Parts 3.5kV
Operating Temp. Range:
–20˚C to +60˚C
–20˚C to +60˚C
–20˚C to +60˚C
Mouldings:
Glass Filled Nylon
Nylon and Glass Filled Nylon
Nylon and Glass Filled Nylon
Contacts:
Brass, Tin Plated
Brass, Silver Plated
Brass, Silver Plated
Accessories:
P.No. 9455 (see page 151)
Mates With:
PX0430/SE & PX0646
PX0429
PX0429
Compliant
Compliant
Compliant
2 Pole + Earth
Mates with PX0430/SE and
PX0646
Key to Ensure Correct Polarity
Solder Tags
3A, 250V a.c.
2 Pole + Earth
Mates with PX0429
Key Way to Ensure Correct
Polarity
Solder Tags
3A, 250V a.c.
2 Pole + Earth
Mates with PX0429
Key Way to Ensure Correct
Polarity
Solder Tags
3A, 250V a.c.
CIRCULAR MALE INLET
CIRCULAR FEMALE CONNECTOR
CIRCULAR FEMALE CONNECTOR
147
GENERAL PURPOSE CONNECTORS
RoHS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com