Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0959/P Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # PX0959/P
Description  General Purpose Connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0959/P Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

  PX0959/P Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0959/P Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.bulgin.co.uk
148
GENERAL PURPOSE CONNECTORS
PX0635
PX0636
Plug and Socket (6 Pole)
6 Pole
Mates with PX0636
Key to Ensure Correct Polarity
Solder Buckets
3A, 50V a.c.
6 Pole
Mates with PX0635
Key Way to Ensure Correct
Polarity
Solder Tags
3A, 50V a.c.
Specification
PX0635
PX0636
Terminations:
Solder Buckets
Solder Tags
Max. Rating:
3A, 50V a.c.
3A, 50V a.c.
Contact Resistance:
<10m
Ω
<10m
Ω
Insulation Resistance:
>104 M
Ω
>104 M
Ω
A.C. Breakdown:
Pole-Pole 2.1kV
Pole-Pole 2.1kV
Poles-Panel 6.0kV
Poles-Accessible Parts 1.5kV
Operating Temp. Range:
–20˚C to +60˚C
–20˚C to +60˚C
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Contacts:
Brass, Silver Plated
Brass, Silver Plated
Accessories:
P.No. 9455 (see page 151)
Mates With:
PX0636
PX0635
Compliant
Compliant
CIRCULAR MALE INLET
CIRCULAR FEMALE CONNECTOR
RoHS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com