Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST232ABDR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST232ABDR
Description  Very high speed, ultra low power consumption 5 V powered RS-232 drivers and receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232ABDR Datasheet(HTML) 1 Page - STMicroelectronics

  ST232ABDR Datasheet HTML 1Page - STMicroelectronics ST232ABDR Datasheet HTML 2Page - STMicroelectronics ST232ABDR Datasheet HTML 3Page - STMicroelectronics ST232ABDR Datasheet HTML 4Page - STMicroelectronics ST232ABDR Datasheet HTML 5Page - STMicroelectronics ST232ABDR Datasheet HTML 6Page - STMicroelectronics ST232ABDR Datasheet HTML 7Page - STMicroelectronics ST232ABDR Datasheet HTML 8Page - STMicroelectronics ST232ABDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
February 2008
Rev 9
1/16
16
ST232AB
ST232AC
Very high speed, ultra low power consumption
5 V powered RS-232 drivers and receivers
Features
■ Supply voltage range: 4.5 to 5.5 V
■ Supply current no load (typ): 1.5 mA
■ Transmitter output voltage swing (typ): ± 9 V
■ Transition slew rate (typ.): 12 V/µs
■ Receiver propagation delay (typ.): 0.1 µs
■ Receiver input voltage range: ± 30 V
■ Data rate (typ.): 400 kbps/s
■ Operating temperature range:
– -40 to 85 °C
– 0 to 70 °C
Description
The ST232AB/AC is a 2 driver, 2 receiver device
following EIA/TIA-232 and V.28 communication
standard. It is particularly suitable for applications
where ±12 V is not available. The ST232AB/AC
uses a single 5 V power supply and only four
external capacitors (0.1 µF). Typical applications
are in: portable computers, low power modems,
interfaces translation, battery powered RS-232
networks.
.
TSSOP16
SO-16
Table 1.
Device summary
Order codes
Temperature
range
Packages
Packaging
ST232ACDR
0 to 70 °C
SO-16 (tape and reel)
2500 parts per reel
ST232ABDR
-40 to 85 °C
SO-16 (tape and reel)
2500 parts per reel
ST232ACTR
0 to 70 °C
TSSOP16 (tape and reel)
2500 parts per reel
ST232ABTR
-40 to 85 °C
TSSOP16 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST232ABDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232ABDR STMICROELECTRONICS-ST232ABDR Datasheet
79Kb / 10P
VERY HIGHSPEED, ULTRA LOWPOWERCONSUMPTION 5V POWERED RS-232 DRIVERS AND RECEIVERS
Oct-1999
ST232ABDR STMICROELECTRONICS-ST232ABDR Datasheet
295Kb / 19P
Very high speed, ultra low power consumption 5V Powered RS-232 drivers and receivers
27-Oct-2006
More results

Similar Description - ST232ABDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232A STMICROELECTRONICS-ST232A Datasheet
79Kb / 10P
VERY HIGHSPEED, ULTRA LOWPOWERCONSUMPTION 5V POWERED RS-232 DRIVERS AND RECEIVERS
Oct-1999
logo
Analog Devices
ADM223 AD-ADM223 Datasheet
364Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
AD230 AD-AD230 Datasheet
363Kb / 11P
5 V Powered CMOS RS-232 Drivers/Receivers
logo
STMicroelectronics
ST232A STMICROELECTRONICS-ST232A_06 Datasheet
295Kb / 19P
Very high speed, ultra low power consumption 5V Powered RS-232 drivers and receivers
27-Oct-2006
ST202B STMICROELECTRONICS-ST202B_08 Datasheet
711Kb / 17P
5 V powered multi-channel RS-232 drivers and receivers
11-Feb-2008
logo
Analog Devices
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
AD230 AD-AD230_15 Datasheet
4Mb / 15P
5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com