Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPR2 Datasheet(PDF) 1 Page - TUK Ltd

Part # CPR2
Description  3m coiled cord, RJ45 to RJ45, plug (black)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

CPR2 Datasheet(HTML) 1 Page - TUK Ltd

  CPR2 Datasheet HTML 1Page - TUK Ltd CPR2 Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CPR2 – 3m coiled cord, RJ45 to RJ45, plug (black)
3m coiled cord in black RJ45 to RJ45 plug (CPR2)
The CPR2 is an 8 way coiled lead offering a flexible, extendable option for connecting RJ45/8p8c sockets.
Features
8p8c 3m RJ45 plug to RJ45 plug coiled black cord
Wired 1 to 1
Specifications
Colour: black
Length: 3m approx. (extended), including 50mm tails
Material:
Cable:
-
Cores: 26AWG/0.40mm stranded copper
-
Sheath: PVC
Plug:
-
Housing: PC, UL94V
-
Contacts: Hard gold over nickel over phosphor bronze
10MΩ insulation resistance
20mΩ maximum contact resistance
1000Vrms AC60Hz Dielectric withstanding voltage
20/02/2018


Similar Part No. - CPR2

ManufacturerPart #DatasheetDescription
logo
Clarke International
CPR2 CLARKE-CPR2 Datasheet
1Mb / 12P
OIL FREE RIVETER
DL1222 R2
logo
MERITEK ELECTRONICS COR...
CPR2010 MERITEK-CPR2010 Datasheet
613Kb / 9P
Pulse Withstanding Thick Film Chip Resistor
logo
Vishay Siliconix
CPR20100R0JE6630 VISHAY-CPR20100R0JE6630 Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
CPR20100R0JE6631 VISHAY-CPR20100R0JE6631 Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
CPR20100R0JE6632 VISHAY-CPR20100R0JE6632 Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
More results

Similar Description - CPR2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2484 POMONA-2484 Datasheet
28Kb / 1P
Stacking Banana Plug Each End On Retractile (Coiled) Cord
3864 POMONA-3864 Datasheet
24Kb / 1P
Double Banana Plug, Each End On Retractile Coiled Cord
4538 POMONA-4538 Datasheet
29Kb / 1P
Minigrabber Test Clip To Stacking Banana Plug With Rectractile (Coiled) Cord
6324 POMONA-6324 Datasheet
32Kb / 1P
Bantam Plug To RJ45 / RJ48
logo
3M Electronics
3R108 3M-3R108 Datasheet
1Mb / 2P
3M Industrial RJ45 Modular Plug
Dec-2005
logo
Alpha Wire
QR04QR117-TL356 ALPHAWIRE-QR04QR117-TL356 Datasheet
120Kb / 2P
RJ45 Male to RJ45 Male
QR04QR118 ALPHAWIRE-QR04QR118 Datasheet
123Kb / 2P
RJ45 Male to RJ45 Male
logo
HARTING Technology Grou...
09-12-000-9958 HARTING-09-12-000-9958 Datasheet
459Kb / 2P
RJ45 Plug
logo
Bel Fuse Inc.
CT999267 BEL-CT999267 Datasheet
301Kb / 1P
CATSE RJ45 PLUG TO CATSE RJ45 PLUG COIL CORD
Rev. A1
CT999279 BEL-CT999279 Datasheet
349Kb / 1P
M12 X—CODE MALE TO RJ45 PLUG COIL CORD
Rev. A0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com