Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3706 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3706
Description  PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3706 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3706 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3706 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The AP3706 is a high performance AC/DC power supply
controller for battery charger and adapter applications.
The device uses Pulse Frequency Modulation (PFM)
method to build discontinuous conduction mode (DCM)
flyback power supplies.
The AP3706 provides constant voltage, constant current
(CV/CC) regulation without requiring an opto-coupler
and secondary control circuitry. It also eliminates the need
of loop compensation circuitry while maintaining stabil-
ity.
The AP3706 achieves excellent regulation and high power
efficiency, the no-load power consumption is less than
200mW at 265VAC input.
Features
·
Primary Side Control for Rectangular Constant
Current and Constant Voltage Output
·
Eliminates Opto-Coupler and Secondary CV/CC
Control Circuitry
·
Eliminates Control Loop Compensation Circuitry
·
Flyback Topology in DCM Operation
·
Random Frequency Modulation to Reduce System
EMI
·
Valley Turn on of External Power NPN Transistor
·
Built-in Soft Start
·
Open Circuit Protection
·
Over Voltage Protection
·
Short Circuit Protection
Applications
·
Adapters/Chargers for Cell/Cordless Phones, PDAs,
MP3 and Other Portable Apparatus
·
Standby and Auxiliary Power Supplies
Benefits
·
High Power Efficiency for Battery Chargers
·
Low Total Cost
Parametric Table
Startup Current (µA)(Typ)
70
UVLO Threshold on/off (V) (Typ)
18.5/7.4
Operating Current (µA) (Typ)
680
Standby Power (W)
<0.3
Package
SOIC-8
Additional Available Materials
·
Samples
·
Preliminary Datasheet
·
ESD Report
·
Demo Board
·
Application Note
Mar. 2008
BCD Semiconductor Manufacturing Limited
Product Brief
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706


Similar Part No. - AP3706

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3706M-E1 BCDSEMI-AP3706M-E1 Datasheet
279Kb / 13P
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706M-E1 BCDSEMI-AP3706M-E1 Datasheet
472Kb / 13P
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706M-G1 BCDSEMI-AP3706M-G1 Datasheet
279Kb / 13P
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706M-G1 BCDSEMI-AP3706M-G1 Datasheet
472Kb / 13P
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706MTR-E1 BCDSEMI-AP3706MTR-E1 Datasheet
279Kb / 13P
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
More results

Similar Description - AP3706

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3706 BCDSEMI-AP3706_08 Datasheet
279Kb / 13P
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706 BCDSEMI-AP3706_09 Datasheet
472Kb / 13P
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
logo
Texas Instruments
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
Off-Line Primary-Side Sensing Controller
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
BCD Semiconductor Manuf...
AP3708N BCDSEMI-AP3708N Datasheet
1Mb / 13P
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
Mitsumi Electronics, Co...
MM3460XF MITSUMI-MM3460XF Datasheet
504Kb / 18P
Primary-Side Power Control IC for LED Lights
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com