Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L462CEU6 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32L462CEU6
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEU6 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32L462CEU6 Datasheet HTML 91Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 92Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 93Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 94Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 95Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 96Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 97Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 98Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 198 page
background image
Table 26. Current consumption in Run and Low-power run modes, code with data processing
running from SRAM1
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C
55 °C
85 °C
105
°C
125
°C
25 °C
55 °C
85 °C
105
°C
125
°C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.40
2.40
2.55
2.70
3.05
2.70
2.75
2.90
3.20
3.80
mA
16 MHz
1.50
1.55
1.65
1.80
2.15
1.70
1.80
1.95
2.25
2.80
8 MHz
0.820
0.850
0.950
1.10
1.45
0.95
1.00
1.15
1.45
2.00
4 MHz
0.470
0.500
0.600
0.765
1.10
0.55
0.60
0.75
1.05
1.60
2 MHz
0.295
0.325
0.420
0.585
0.915
0.35
0.40
0.55
0.85
1.40
1 MHz
0.210
0.235
0.330
0.495
0.825
0.25
0.30
0.45
0.75
1.30
100 kHz 0.130
0.155
0.250
0.415
0.750
0.15
0.25
0.35
0.65
1.25
Range 1
80 MHz
8.55
8.60
8.75
8.95
9.35
9.55
9.65
9.85
10.5
11.0
72 MHz
7.70
7.80
7.90
8.15
8.50
8.60
8.70
8.90
9.25
9.95
64 MHz
6.90
6.95
7.10
7.30
7.70
7.70
7.75
7.95
8.35
9.00
48 MHz
5.15
5.20
5.30
5.55
5.90
5.75
5.85
6.05
6.40
7.05
32 MHz
3.45
3.50
3.65
3.85
4.25
3.90
4.00
4.20
4.50
5.15
24 MHz
2.65
2.70
2.80
3.00
3.40
3.00
3.05
3.25
3.55
4.20
16 MHz
1.80
1.85
1.95
2.15
2.55
2.05
2.10
2.30
2.60
3.25
IDD_ALL
(LPRun)
Supply
current in
low-power
run mode
fHCLK = fMSI
all peripherals disable
FLASH in power-down
2 MHz
220
255
360
540
895
270
330
460
760
1400
µA
1 MHz
120
155
260
440
795
165
215
370
660
1300
400 kHz
60.0
92.0
195
375
730
100
160
330
585
1250
100 kHz
36.0
62.5
165
345
695
63.0
130
305
555
1200
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com