Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L462CEU6 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32L462CEU6
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEU6 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32L462CEU6 Datasheet HTML 92Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 93Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 94Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 95Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 96Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 97Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 98Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 99Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 198 page
background image
Electrical characteristics
STM32L462CE STM32L462RE STM32L462VE
96/198
DocID029969 Rev 1
Table 27. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up
to 48 MHz
included, bypass
mode PLL ON
above 48 MHz
all peripherals
disable
Reduced code(1)
2.35
mA
90
µA/MHz
Coremark
2.65
102
Dhrystone 2.1
2.75
106
Fibonacci
2.60
100
While(1)
2.35
90
Reduced code(1)
8.45
mA
106
µA/MHz
Coremark
9.45
118
Dhrystone 2.1
9.85
123
Fibonacci
9.25
116
While(1)
8.45
106
IDD_ALL
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI = 2 MHz
all peripherals disable
Reduced code(1)
225
µA
113
µA/MHz
Coremark
260
130
Dhrystone 2.1
270
135
Fibonacci
245
123
While(1)
285
143
1. Reduced code used for characterization results provided in Table 24, Table 25, Table 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com