Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L462CEU6 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32L462CEU6
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEU6 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32L462CEU6 Datasheet HTML 98Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 99Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 100Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 101Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 102Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 103Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 104Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 105Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 198 page
background image
Table 34. Current consumption in Stop 0
Symbol
Parameter
Conditions
TYP
MAX(1)
1. Guaranteed by characterization results, unless otherwise specified.
Unit
VDD
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Stop 0)
Supply
current in
Stop 0 mode,
RTC disabled
1.8 V
125
150
240
390
645
145
190
350
600
1150
µA
2.4 V
125
150
240
390
645
150
195
355
605
1150
3 V
125
150
245
395
650
155
195
360
610
1150
3.6 V
125
155
245
400
655
155
200
365
615
1150(2)
2. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com