Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L462CEU6 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32L462CEU6
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEU6 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32L462CEU6 Datasheet HTML 106Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 107Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 108Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 109Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 110Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 111Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 112Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 113Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 198 page
background image
Electrical characteristics
STM32L462CE STM32L462RE STM32L462VE
110/198
DocID029969 Rev 1
Table 39. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time from Sleep
mode to Run mode
-6
6
Nb of
CPU
cycles
tWULPSLEEP
Wakeup time from Low-
power sleep mode to Low-
power run mode
Wakeup in Flash with Flash in power-down
during low-power sleep mode (SLEEP_PD=1
in FLASH_ACR) and with clock MSI = 2 MHz
69
tWUSTOP0
Wake up time from Stop 0
mode to Run mode in
Flash
Range 1
Wakeup clock MSI = 48 MHz
3.34
4.3
µs
Wakeup clock HSI16 = 16 MHz
3.7
6.5
Range 2
Wakeup clock MSI = 24 MHz
3.8
7.1
Wakeup clock HSI16 = 16 MHz
3.7
6.5
Wakeup clock MSI = 4 MHz
9.3
7.1
Wake up time from Stop 0
mode to Run mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
1.85
2.7
Wakeup clock HSI16 = 16 MHz
2.68
3
Range 2
Wakeup clock MSI = 24 MHz
2.47
3.4
Wakeup clock HSI16 = 16 MHz
2.68
3
Wakeup clock MSI = 4 MHz
9.67
12.5
tWUSTOP1
Wake up time from Stop 1
mode to Run in Flash
Range 1
Wakeup clock MSI = 48 MHz
6.75
7.6
µs
Wakeup clock HSI16 = 16 MHz
7.14
8
Range 2
Wakeup clock MSI = 24 MHz
7
7.82
Wakeup clock HSI16 = 16 MHz
7.14
7.9
Wakeup clock MSI = 4 MHz
10.44
11.9
Wake up time from Stop 1
mode to Run mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
5.21
5.9
Wakeup clock HSI16 = 16 MHz
6.23
6.9
Range 2
Wakeup clock MSI = 24 MHz
5.73
6.4
Wakeup clock HSI16 = 16 MHz
6.23
6.9
Wakeup clock MSI = 4 MHz
10.9
12.3
Wake up time from Stop 1
mode to Low-power run
mode in Flash
Regulator in
low-power
mode (LPR=1
in PWR_CR1)
Wakeup clock MSI = 2 MHz
16.05
19.2
Wake up time from Stop 1
mode to Low-power run
mode in SRAM1
17.06
20.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com