Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217M Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM217M
Description  MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217M Datasheet(HTML) 2 Page - STMicroelectronics

  LM217M Datasheet HTML 1Page - STMicroelectronics LM217M Datasheet HTML 2Page - STMicroelectronics LM217M Datasheet HTML 3Page - STMicroelectronics LM217M Datasheet HTML 4Page - STMicroelectronics LM217M Datasheet HTML 5Page - STMicroelectronics LM217M Datasheet HTML 6Page - STMicroelectronics LM217M Datasheet HTML 7Page - STMicroelectronics LM217M Datasheet HTML 8Page - STMicroelectronics LM217M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TEST CIRCUIT
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi -Vo
Input-Output Differential Voltage
40
V
Pd
Power Dissipation
I nternally Limited
Topr
Operating Junction Temperature Range (*)
for LM217M
for LM317M
-40 to 125
0to 125
oC
oC
Tstg
Storage Temperature Range
-55 to 150
oC
(*) Re-Boot is not guaranteed for Tj
≥ 85 oC
PIN CONNECTION AND ORDERING NUMBERS
TO-220
SOT-82
Type
TO-220
DPAK
SOT-82
SOT-194
LM217M
LM217MT
LM217MDT
LM217MX
LM217MS
LM317M
LM317MT
LM317MDT
LM317MX
LM317MS
DPAK
SOT-194
THERMAL DATA
Symbol
Parameter
SOT-82
SOT-194
DPAK
TO-220
Unit
Rthj-ca se
Rthj-a mb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
8
100
3
50
o C/W
o C/W
LM217M/LM317M
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com