Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217M Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM217M
Description  MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217M Datasheet(HTML) 3 Page - STMicroelectronics

  LM217M Datasheet HTML 1Page - STMicroelectronics LM217M Datasheet HTML 2Page - STMicroelectronics LM217M Datasheet HTML 3Page - STMicroelectronics LM217M Datasheet HTML 4Page - STMicroelectronics LM217M Datasheet HTML 5Page - STMicroelectronics LM217M Datasheet HTML 6Page - STMicroelectronics LM217M Datasheet HTML 7Page - STMicroelectronics LM217M Datasheet HTML 8Page - STMicroelectronics LM217M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
(*) CADJ is connected between Adjust pin and Ground.
ELECTRICAL CHARACTERISTICS FOR LM317M (Refer to the test circuits, 0
≤ Tj ≤ 125 oC
Vi -Vo = 5 V, Io = 100 mA, Pd
≤ 7.5W, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
∆Vo
Line Regulation
Vi -Vo = 3 to 40 V
Tj =25
oC
0.01
0.04
%/V
0.02
0.07
%/V
∆Vo
Load Regulation
Vo
≤ 5V
Io = 10 mA to 500 mA
Tj =25
oC5
25
mV
20
70
mV
Vo
≥ 5V
Io = 10 mA to 500 mA
Tj =25
oC
0.1
0.5
%/Vo
0.3
1.5
%/Vo
IADJ
Adjustment Pin Current
50
100
µA
∆IADJ
Adjustment Pin Current
Vi -Vo = 3 to 40 V
Io = 10 mA to 500 mA
0.2
5
µA
VREF
Reference Voltage
Vi -Vo = 3 to 40 V
Io = 10 mA to 500 mA
1.2
1.25
1.3
V
Vo
Vo
Output Voltage Temperature
Stability
0.7
%
Io(min)
Minimum Load Current
Vi -Vo =40 V
3.5
10
mA
Io(max)
Maximum Output Current
Vi -Vo
≤15V
Vi -Vo =40V, Pd <PdMAX,Tj =25
oC
500
1000
200
mA
eN
Output Noise Voltage
(percentance of VO)
B = 10Hz to 10KHz
Tj =25
oC
0. 003
%
SVR
Supply Voltage Rejection (*)
Tj =25
oC
f = 120 Hz
CADJ=0
65
dB
CADJ =10
µF66
80
dB
(*) CADJ is connected between Adjust pin and Ground.
ELECTRICAL CHARACTERISTICS FOR LM217M (Refer to the test circuits, -40
≤ Tj ≤ 125 oC
Vi -Vo = 5 V, Io = 100 mA, Pd
≤ 7.5W, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
∆Vo
Line Regulation
Vi -Vo = 3 to 40 V
Tj =25
oC
0.01
0.02
%/V
0.02
0.05
%/V
∆Vo
Load Regulation
Vo
≤ 5V
Io = 10 mA to 500 mA
Tj =25
oC5
15
mV
20
50
mV
Vo
≥ 5V
Io = 10 mA to 500 mA
Tj =25
oC
0.1
0.3
%/Vo
0.3
1
%/Vo
IADJ
Adjustment Pin Current
50
100
µA
∆IADJ
Adjustment Pin Current
Vi -Vo = 3 to 40 V
Io = 10 mA to 500 mA
0.2
5
µA
VREF
Reference Voltage
Vi -Vo = 3 to 40 V
Io = 10 mA to 500 mA
1.2
1.25
1.3
V
Vo
Vo
Output Voltage Temperature
Stability
0.7
%
Io(min)
Minimum Load Current
Vi -Vo =40 V
3.5
5
mA
Io( max)
Maximum Output Current
Vi -Vo
≤15V
Vi -Vo =40V, Pd <PdMAX,Tj =25
oC
500
1000
200
mA
eN
Output Noise Voltage
(percentance of VO)
B = 10Hz to 10KHz
Tj =25
oC
0. 003
%
SVR
Supply Voltage Rejection (*)
Tj =25
oC
f = 120 Hz
CADJ =0
65
dB
CADJ=10
µF66
80
dB
LM217M/LM317M
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com