Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP50B60PD Datasheet(PDF) 2 Page - International Rectifier

Part # GP50B60PD
Description  SMPS IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GP50B60PD Datasheet(HTML) 2 Page - International Rectifier

  GP50B60PD Datasheet HTML 1Page - International Rectifier GP50B60PD Datasheet HTML 2Page - International Rectifier GP50B60PD Datasheet HTML 3Page - International Rectifier GP50B60PD Datasheet HTML 4Page - International Rectifier GP50B60PD Datasheet HTML 5Page - International Rectifier GP50B60PD Datasheet HTML 6Page - International Rectifier GP50B60PD Datasheet HTML 7Page - International Rectifier GP50B60PD Datasheet HTML 8Page - International Rectifier GP50B60PD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRGP50B60PD
2
www.irf.com
Notes:
 RCE(on) typ. = equivalent on-resistance = VCE(on) typ./ IC, where VCE(on) typ.= 2.00V and IC =33A. ID (FET Equivalent) is the equivalent MOSFET ID
rating @ 25°C for applications up to 150kHz. These are provided for comparison purposes (only) with equivalent MOSFET solutions.
‚ VCC = 80% (VCES), VGE = 20V, L = 28 µH, RG = 22 Ω.
ƒ Pulse width limited by max. junction temperature.
„ Energy losses include "tail" and diode reverse recovery, Data generated with use of Diode 30ETH06.
… Coes eff. is a fixed capacitance that gives the same charging time as Coes while VCE is rising from 0 to 80% VCES.
Coes eff.(ER) is a fixed capacitance that stores the same energy as Coes while VCE is rising from 0 to 80% VCES.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
Ref.Fig
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 500µA
∆V(BR)CES/∆TJ
Temperature Coeff. of Breakdown Voltage
—0.61
—
V/°C VGE = 0V, IC = 1mA (25°C-125°C)
RG
Internal Gate Resistance
—
1.2
—
Ω
1MHz, Open Collector
—2.0
2.2
IC = 33A, VGE = 15V
4, 5,6,8,9
VCE(on)
Collector-to-Emitter Saturation Voltage
—
2.4
2.6
V
IC = 50A, VGE = 15V
—2.6
2.9
IC = 33A, VGE = 15V, TJ = 125°C
—3.2
3.6
IC = 50A, VGE = 15V, TJ = 125°C
VGE(th)
Gate Threshold Voltage
3.0
4.0
5.0
V
IC = 250µA
7,8,9
∆VGE(th)/∆TJ
Threshold Voltage temp. coefficient
—
-7.07
—
mV/°C VCE = VGE, IC = 1.0mA
gfe
Forward Transconductance
—
42
—
S
VCE = 50V, IC = 33A, PW = 80µs
ICES
Collector-to-Emitter Leakage Current
—
5.0
500
µA
VGE = 0V, VCE = 600V
—1.0
—
mA VGE = 0V, VCE = 600V, TJ = 125°C
—1.3
1.7
IF = 25A, VGE = 0V
VFM
Diode Forward Voltage Drop
—
1.5
2.0
V
IF = 50A, VGE = 0V
10
—1.3
1.7
IF = 25A, VGE = 0V, TJ = 125°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V, VCE = 0V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Ref.Fig
Qg
Total Gate Charge (turn-on)
—
240
360
IC = 33A
17
Qgc
Gate-to-Collector Charge (turn-on)
—
41
82
nC VCC = 400V
CT1
Qge
Gate-to-Emitter Charge (turn-on)
—
84
130
VGE = 15V
Eon
Turn-On Switching Loss
—
360
590
IC = 33A, VCC = 390V
CT3
Eoff
Turn-Off Switching Loss
—
380
420
µJ
VGE = +15V, RG = 3.3Ω, L = 210µH
Etotal
Total Switching Loss
—
740
960
TJ = 25°C
fÃÃ
td(on)
Turn-On delay time
—
34
44
IC = 33A, VCC = 390V
CT3
tr
Rise time
—
26
36
ns
VGE = +15V, RG = 3.3Ω, L = 210µH
td(off)
Turn-Off delay time
—
130
140
TJ = 25°C fÃÃ
tf
Fall time
—
43
56
Eon
Turn-On Switching Loss
—
610
880
IC = 33A, VCC = 390V
CT3
Eoff
Turn-Off Switching Loss
—
460
530
µJ
VGE = +15V, RG = 3.3Ω, L = 210µH
11,13
Etotal
Total Switching Loss
—
1070
1410
TJ = 125°C f
WF1,WF2
td(on)
Turn-On delay time
—
33
43
IC = 33A, VCC = 390V
CT3
tr
Rise time
—
26
36
ns
VGE = +15V, RG = 3.3Ω, L = 200µH
12,14
td(off)
Turn-Off delay time
—
140
160
TJ = 125°CÃfÃÃ
WF1,WF2
tf
Fall time
—
50
65
Cies
Input Capacitance
—
4750
—
VGE = 0V
16
Coes
Output Capacitance
—
390
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
58
—
pF
f = 1Mhz
Coes eff.
Effective Output Capacitance (Time Related)
g
—
280
—
VGE = 0V, VCE = 0V to 480V
15
Coes eff. (ER) Effective Output Capacitance (Energy Related) g
—
190
—
TJ = 150°C, IC = 150A
3
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
CT2
Rg = 22
Ω, VGE = +15V to 0V
trr
Diode Reverse Recovery Time
—
50
75
ns
TJ = 25°C
IF = 25A, VR = 200V,
19
—
105
160
TJ = 125°C
di/dt = 200A/µs
Qrr
Diode Reverse Recovery Charge
—
112
375
nC TJ = 25°C
IF = 25A, VR = 200V,
21
—
420
4200
TJ = 125°C
di/dt = 200A/µs
Irr
Peak Reverse Recovery Current
—
4.5
10
A
TJ = 25°C
IF = 25A, VR = 200V,
19,20,21,22
—8.0
15
TJ = 125°C
di/dt = 200A/µs
CT5
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com