Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP50B60PD Datasheet(PDF) 1 Page - International Rectifier

Part # GP50B60PD
Description  SMPS IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GP50B60PD Datasheet(HTML) 1 Page - International Rectifier

  GP50B60PD Datasheet HTML 1Page - International Rectifier GP50B60PD Datasheet HTML 2Page - International Rectifier GP50B60PD Datasheet HTML 3Page - International Rectifier GP50B60PD Datasheet HTML 4Page - International Rectifier GP50B60PD Datasheet HTML 5Page - International Rectifier GP50B60PD Datasheet HTML 6Page - International Rectifier GP50B60PD Datasheet HTML 7Page - International Rectifier GP50B60PD Datasheet HTML 8Page - International Rectifier GP50B60PD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
WARP2 SERIES IGBT WITH
ULTRAFAST SOFT RECOVERY DIODE
IRGP50B60PD
1
www.irf.com
07/02/07
Features
• NPT Technology, Positive Temperature Coefficient
• Lower VCE(SAT)
• Lower Parasitic Capacitances
• Minimal Tail Current
• HEXFRED Ultra Fast Soft-Recovery Co-Pack Diode
• Tighter Distribution of Parameters
• Higher Reliability
Benefits
• Parallel Operation for Higher Current Applications
• Lower Conduction Losses and Switching Losses
• Higher Switching Frequency up to 150kHz
E
G
n-channel
C
VCES = 600V
VCE(on) typ. = 2.00V
@ VGE = 15V IC = 33A
Equivalent MOSFET
Parameters
RCE(on) typ. = 61mΩ
ID (FET equivalent) = 50A
Applications
• Telecom and Server SMPS
• PFC and ZVS SMPS Circuits
• Uninterruptable Power Supplies
• Consumer Electronics Power Supplies
TO-247AC
G
C
E
SMPS IGBT
PD - 94624B
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
75
IC @ TC = 100°C
Continuous Collector Current
42
ICM
Pulse Collector Current (Ref. Fig. C.T.4)
150
ILM
Clamped Inductive Load Current
d
150
A
IF @ TC = 25°C
Diode Continous Forward Current
50
IF @ TC = 100°C
Diode Continous Forward Current
25
IFRM
Maximum Repetitive Forward Current
e
100
VGE
Gate-to-Emitter Voltage
±20
V
PD @ TC = 25°C
Maximum Power Dissipation
370
W
PD @ TC = 100°C
Maximum Power Dissipation
150
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC (IGBT)
Thermal Resistance Junction-to-Case-(each IGBT)
–––
–––
0.34
°C/W
RθJC (Diode)
Thermal Resistance Junction-to-Case-(each Diode)
–––
–––
0.64
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.24
–––
RθJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
–––
40
Weight
–––
6.0 (0.21)
–––
g (oz)


Similar Part No. - GP50B60PD

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP50 XPPOWER-GP50 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Frontier Electronics.
GP50-005 FRONTIER-GP50-005 Datasheet
124Kb / 2P
5A GENERAL PURPOSE PLASTIC RECTIFIER
GP50-01 FRONTIER-GP50-01 Datasheet
124Kb / 2P
5A GENERAL PURPOSE PLASTIC RECTIFIER
GP50-02 FRONTIER-GP50-02 Datasheet
124Kb / 2P
5A GENERAL PURPOSE PLASTIC RECTIFIER
GP50-04 FRONTIER-GP50-04 Datasheet
124Kb / 2P
5A GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - GP50B60PD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
600V, SMPS Series N-Channel IGBT
June 2000
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
600V, SMPS Series N-Channel IGBT
January 2000
logo
International Rectifier
IRGB20B60PD1 IRF-IRGB20B60PD1 Datasheet
351Kb / 10P
SMPS IGBT
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
600V, SMPS Series N-Channel IGBT
logo
International Rectifier
IRGP35B60PD IRF-IRGP35B60PD_04 Datasheet
357Kb / 11P
SMPS IGBT
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
600V, SMPS N-CHANNEL IGBT
UGP7N60 UTC-UGP7N60_15 Datasheet
180Kb / 3P
SMPS N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com