Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F800C3 Datasheet(PDF) 13 Page - Numonyx B.V

Part # 28F800C3
Description  Advanced Boot Block Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

28F800C3 Datasheet(HTML) 13 Page - Numonyx B.V

Back Button 28F800C3 Datasheet HTML 9Page - Numonyx B.V 28F800C3 Datasheet HTML 10Page - Numonyx B.V 28F800C3 Datasheet HTML 11Page - Numonyx B.V 28F800C3 Datasheet HTML 12Page - Numonyx B.V 28F800C3 Datasheet HTML 13Page - Numonyx B.V 28F800C3 Datasheet HTML 14Page - Numonyx B.V 28F800C3 Datasheet HTML 15Page - Numonyx B.V 28F800C3 Datasheet HTML 16Page - Numonyx B.V 28F800C3 Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
March 2008
Datasheet
290645-24
13
C3 Discrete
3.0
Package Information
3.1
μBGA* and VF BGA Package
Figure 2:
μBGA* and VF BGA Package Drawing and Dimensions
Bottom View -Bump side up
e
b
S1
Ball A1
Corner
Top View - Bump Side down
Ball A1
Corner
E
D
Side View
A
A2
A
1
Seating
Y
A
B
C
D
E
F
S2
Plan
1
2
3
4
5
6
7
8
A
B
C
D
E
F
12
3
4
56
7
8
Note: Drawing not to scale
Millimeters
Inches
Dimensions
Symbol
Min
Nom
Max
Min
Nom
Max
Package Height
A
1.000
0.0394
Ball Height
A1
0.150
0.0059
Package Body Thickness
A2
0.665
0.0262
Ball (Lead) Width
b
0.325
0.375
0.425
0.0128
0.0148
0.0167
Package Body Length
8M (.25)
D
7.810
7.910
8.010
Package Body Length 16M (.25/.18/.13) 32M (.25/.18/.13)
D
7.186
7.286
7.386
0.2829
0.2868
0.2908
Package Body Length 64M (.18)
D
7.600
7.700
7.800
0.2992
0.3031
0.3071
Package Body Width
8M (.25)
E
6.400
6.500
6.600
0.2520
0.2559
0.2598
Package Body Width 16M (.25/.18/.13) 32M (.18/.13)
E
6.864
6.964
7.064
0.2702
0.2742
0.2781
Package Body Width 32M (.25)
E
10.750
10.850
10.860
0.4232
0.4272
0.4276
Package Body Width 64M (.18)
E
8.900
9.000
9.100
0.3504
0.3543
0.3583
Pitch
e
0.750
0.0295
Ball (Lead) Count 8M, 16M
N
46
46
Ball (Lead) Count 32M
N
47
47
Ball (Lead) Count 64M
N
48
48
Seating Plane Coplanarity
Y
0.100
0.0039
Corner to Ball A1 Distance Along D 8M (.25)
S1
1.230
1.330
1.430
0.0484
0.0524
0.0563
Corner to Ball A1 Distance Along D 16M (.25/.18/.13) 32M (.18/.13)
S1
0.918
1.018
1.118
0.0361
0.0401
0.0440
Corner to Ball A1 Distance Along D 64M (.18)
S1
1.125
1.225
1.325
0.0443
0.0482
0.0522
Corner to Ball A1 Distance Along E 8M (.25)
S2
1.275
1.375
1.475
0.0502
0.0541
0.0581
Corner to Ball A1 Distance Along E 16M (.25/.18/.13) 32M (.18/.13)
S2
1.507
1.607
1.707
0.0593
0.0633
0.0672
Corner to Ball A1 Distance Along E 32M (.25)
S2
3.450
3.550
3.650
0.1358
0.1398
0.1437
Corner to Ball A1 Distance Along E 64M (.18)
S2
2.525
2.625
2.725
0.0994
0.1033
0.1073
C3 Discrete 8/16/32/64M,
.25,.18, .13u ubga/VFBGA
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com