Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F800C3 Datasheet(PDF) 21 Page - Numonyx B.V

Part # 28F800C3
Description  Advanced Boot Block Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

28F800C3 Datasheet(HTML) 21 Page - Numonyx B.V

Back Button 28F800C3 Datasheet HTML 17Page - Numonyx B.V 28F800C3 Datasheet HTML 18Page - Numonyx B.V 28F800C3 Datasheet HTML 19Page - Numonyx B.V 28F800C3 Datasheet HTML 20Page - Numonyx B.V 28F800C3 Datasheet HTML 21Page - Numonyx B.V 28F800C3 Datasheet HTML 22Page - Numonyx B.V 28F800C3 Datasheet HTML 23Page - Numonyx B.V 28F800C3 Datasheet HTML 24Page - Numonyx B.V 28F800C3 Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
March 2008
Datasheet
290645-24
21
C3 Discrete
5.0
Maximum Ratings and Operating Conditions
5.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent
damage. These ratings are stress ratings only. Operation beyond the “Operating
Conditions” is not recommended, and extended exposure beyond the “Operating
Conditions” may affect device reliability.
.
5.2
Operating Conditions
NOTICE: Specifications are subject to change without notice. Verify with your local Numonyx Sales office that you have the
latest datasheet before finalizing a design.
Parameter
Maximum Rating
Notes
Extended Operating Temperature
During Read
–40 °C to +85 °C
During Block Erase and Program
–40 °C to +85 °C
Temperature under Bias
–40 °C to +85 °C
Storage Temperature
–65 °C to +125 °C
Voltage On Any Pin (except VCC and VPP) with Respect to GND
–0.5 V to +3.7 V
1
VPP Voltage (for Block Erase and Program) with Respect to GND
–0.5 V to +13.5 V
1,2,3
VCC and VCCQ Supply Voltage with Respect to GND
–0.2 V to +3.6 V
Output Short Circuit Current
100 mA
4
Notes:
1.
Minimum DC voltage is –0.5 V on input/output pins. During transitions, this level may undershoot to –2.0 V
for periods <20 ns. Maximum DC voltage on input/output pins is VCC +0.5 V which, during transitions, may
overshoot to VCC +2.0 V for periods <20 ns.
2.
Maximum DC voltage on VPP may overshoot to +14.0 V for periods <20 ns.
3.
VPP Program voltage is normally 1.65 V–3.6 V. Connection to a 11.4 V–12.6 V supply can be done for a
maximum of 1000 cycles on the main blocks and 2500 cycles on the parameter blocks during program/
erase. VPP may be connected to 12 V for a total of 80 hours maximum.
4.
Output shorted for no more than one second. No more than one output shorted at a time.
Table 6:
Temperature and Voltage Operating Conditions
Symbol
Parameter
Notes
Min
Max
Units
TA
Operating Temperature
–40
+85
°C
VCC1
VCC Supply Voltage
1, 2
2.7
3.6
Volts
VCC2
1, 2
3.0
3.6
VCCQ1
I/O Supply Voltage
12.7
3.6
Volts
VCCQ2
1.65
2.5
VCCQ3
1.8
2.5
VPP1
Supply Voltage
1
1.65
3.6
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com