Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05-AVMP6P Datasheet(PDF) 14 Page - Numonyx B.V

Part # M25P05-AVMP6P
Description  512 Kbit, serial Flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6P Datasheet(HTML) 14 Page - Numonyx B.V

Back Button M25P05-AVMP6P Datasheet HTML 10Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 11Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 12Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 13Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 14Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 15Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 16Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 17Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Operating features
M25P05-A
14/52
4.6
Protection modes
The environments where non-volatile memory devices are used can be very noisy. No SPI
device can operate correctly in the presence of excessive noise. To help combat this, the
M25P05-A features the following data protection mechanisms:
●
Power on reset and an internal timer (tPUW) can provide protection against inadvertent
changes while the power supply is outside the operating specification
●
Program, erase and write status register instructions are checked that they consist of a
number of clock pulses that is a multiple of eight, before they are accepted for
execution
●
All instructions that modify data must be preceded by a write enable (WREN)
instruction to set the write enable latch (WEL) bit. This bit is returned to its reset state
by the following events:
–Power-up
–
Write disable (WRDI) instruction completion
–
Write status register (WRSR) instruction completion
–
Page program (PP) instruction completion
–
Sector erase (SE) instruction completion
–
Bulk erase (BE) instruction completion
●
The block protect (BP1, BP0) bits allow part of the memory to be configured as read-
only. This is the software protected mode (SPM)
●
The Write Protect (W) signal, in co-operation with the status register write disable
(SRWD) bit, allows the block protect (BP1, BP0) bits and status register write disable
(SRWD) bit to be write-protected. This is the hardware protected mode (HPM)
●
In addition to the low power consumption feature, the deep power-down mode offers
extra software protection, as all write, program and erase instructions are ignored.
1.
The device is ready to accept a bulk erase instruction if, and only if, both block protect (BP1, BP0) are 0.
Table 2.
Protected area sizes
Status Register
content
Memory content
BP1 bit
BP0 bit
Protected area
Unprotected area
0
0
none
All sectors (sectors 0 and 1)
0
1
No protection against page program (PP) and sector erase (SE)
All sectors (sectors 0 and 1) protected against bulk erase (BE)
1
0
1
1
All sectors (sectors 0 and 1)
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com