Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05-AVMP6P Datasheet(PDF) 24 Page - Numonyx B.V

Part # M25P05-AVMP6P
Description  512 Kbit, serial Flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6P Datasheet(HTML) 24 Page - Numonyx B.V

Back Button M25P05-AVMP6P Datasheet HTML 20Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 21Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 22Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 23Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 24Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 25Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 26Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 27Page - Numonyx B.V M25P05-AVMP6P Datasheet HTML 28Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Instructions
M25P05-A
24/52
When the status register write disable (SRWD) bit of the status register is set to ‘1’, two
cases need to be considered, depending on the state of Write Protect (W):
●
If Write Protect (W) is driven High, it is possible to write to the status register provided
that the write enable latch (WEL) bit has previously been set by a write enable (WREN)
instruction
●
If Write Protect (W) is driven Low, it is not possible to write to the status register even if
the write enable latch (WEL) bit has previously been set by a write enable (WREN)
instruction (attempts to write to the status register are rejected, and are not accepted
for execution). As a consequence, all the data bytes in the memory area that are
software protected (SPM) by the block protect (BP1, BP0) bits of the status register, are
also hardware protected against data modification.
Regardless of the order of the two events, the hardware protected mode (HPM) can be
entered:
●
by setting the status register write disable (SRWD) bit after driving Write Protect (W)
Low
●
or by driving Write Protect (W) Low after setting the status register write disable
(SRWD) bit.
The only way to exit the hardware protected mode (HPM) once entered is to pull Write
Protect (W) High.
If Write Protect (W) is permanently tied High, the hardware protected mode (HPM) can
never be activated, and only the software protected mode (SPM), using the block protect
(BP1, BP0) bits of the status register, can be used.
Figure 11.
Write status register (WRSR) instruction sequence
C
D
AI02282D
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
register in
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com