Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P32-VMP6TP Datasheet(PDF) 43 Page - Numonyx B.V

Part # M25P32-VMP6TP
Description  32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P32-VMP6TP Datasheet(HTML) 43 Page - Numonyx B.V

Back Button M25P32-VMP6TP Datasheet HTML 39Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 40Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 41Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 42Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 43Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 44Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 45Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 46Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 47Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
M25P32
DC and AC parameters
43/53
Figure 23.
Serial input timing
tW
Write Status Register cycle time
1.3
15
ms
tPP
(8)
Page Program cycle time (256 bytes)
0.64
5ms
Page Program cycle time (n bytes)
int(n/8) × 0.02(9)
Page Program cycle time (VPP = VPPH) (256 bytes)
0.64
tSE
Sector Erase cycle time
0.6
3s
Sector Erase cycle time (VPP = VPPH)0.6
tBE
Bulk Erase cycle time
23
80
s
Bulk Erase cycle time (VPP = VPPH)13
1.
Details of how to find the Technology Process in the marking are given in AN1995, see also Section 12: Part numbering.
2.
Typical values given for TA = 25 °C.
3.
tCH + tCL must be greater than or equal to 1/ fC
4.
Value guaranteed by characterization, not 100% tested in production.
5.
Expressed as a slew-rate.
6.
Only applicable as a constraint for a WRSR instruction when SRWD is set at 1.
7.
VPPH should be kept at a valid level until the program or erase operation has completed and its result (success or failure) is
known.
8.
When using the Page Program (PP) instruction to program consecutive bytes, optimized timings are obtained with one
sequence including all the bytes versus several sequences of only a few bytes. (1
≤n ≤256)
9.
int(A) corresponds to the upper integer part of A. E.g. int(12/8) = 2, int(32/8) = 4 int(15.3) =16.
Table 14.
AC characteristics (T9HX technology) (continued)
Applies only to products made with T9HX technology, identified with Process digit “4”(1)
Test conditions specified in Table 10 and Table 11
Symbol
Alt.
Parameter
Min.
Typ.(2)
Max.
Unit
C
D
AI01447C
S
MSB IN
Q
tDVCH
High Impedance
LSB IN
tSLCH
tCHDX
tCHCL
tCLCH
tSHCH
tSHSL
tCHSH
tCHSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com