Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P32-VMP6TP Datasheet(PDF) 50 Page - Numonyx B.V

Part # M25P32-VMP6TP
Description  32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P32-VMP6TP Datasheet(HTML) 50 Page - Numonyx B.V

Back Button M25P32-VMP6TP Datasheet HTML 45Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 46Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 47Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 48Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 49Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 50Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 51Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 52Page - Numonyx B.V M25P32-VMP6TP Datasheet HTML 53Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Part numbering
M25P32
50/53
12
Part numbering
Note:
For a list of available options (speed, package, etc.), for further information on any aspect of
this device or when ordering parts operating at 75 MHz (0.11 µm, process digit “4”), please
contact your nearest Numonyx Sales Office.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 19.
Ordering information scheme
Example:
M25P32
–
V MW 6 T
P
Device Type
M25P = Serial Flash Memory for Code Storage
Device Function
32 = 32 Mbit (4M x 8)
Operating Voltage
V = VCC = 2.7 to 3.6 V
Package
MF = SO16 (300 mils width)
ME = VDFPN8 8 × 6 mm (MLP8)
MW = SO8W (208 mils width)(1)
1.
Packages available only in products processed in the T9HX technology.
MP = VFQFPN 6 × 5 mm (MLP8)(1)
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com