Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P80-VMP6TP Datasheet(PDF) 40 Page - Numonyx B.V

Part # M25P80-VMP6TP
Description  8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P80-VMP6TP Datasheet(HTML) 40 Page - Numonyx B.V

Back Button M25P80-VMP6TP Datasheet HTML 36Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 37Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 38Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 39Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 40Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 41Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 42Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 43Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
DC and AC parameters
M25P80
40/52
Table 15.
AC characteristics (75 MHz operation, Grade 6)
75 MHz available only for products made in T9HX technology, identified with Process digit “4”(1)
Test conditions specified in Table 10 and Table 12
Symbol
Alt.
Parameter
Min.
Typ.(2)
Max.
Unit
fC
fC
Clock frequency for the following instructions:
FAST_READ, PP, SE, BE, DP, RES, WREN, WRDI,
RDID, RDSR, WRSR
D.C.
75
MHz
fR
Clock frequency for READ instructions
D.C.
33
MHz
tCH
(3)
tCLH
Clock High time
11
ns
tCL
(3)
tCLL
Clock Low time
11
ns
tCLCH
(4)
Clock Rise time(5) (peak to peak)
0.1
V/ns
tCHCL
(4)
Clock Fall time(4) (peak to peak)
0.1
V/ns
tSLCH
tCSS
S active setup time (relative to C)
5
ns
tCHSL
S not active hold time (relative to C)
5
ns
tDVCH
tDSU
Data In setup time
2
ns
tCHDX
tDH
Data In hold time
5
ns
tCHSH
S active hold time (relative to C)
5
ns
tSHCH
S not active setup time (relative to C)
5
ns
tSHSL
tCSH
S deselect time
100
ns
tSHQZ
(4)
tDIS
Output disable time
9
ns
tCLQV
tV
Clock Low to Output Valid
9
ns
tCLQX
tHO
Output hold time
0
ns
tHLCH
HOLD setup time (relative to C)
5
ns
tCHHH
HOLD hold time (relative to C)
5
ns
tHHCH
HOLD setup time (relative to C)
5
ns
tCHHL
HOLD hold time (relative to C)
5
ns
tHHQX
(4)
tLZ
HOLD to Output Low-Z
9
ns
tHLQZ
(4)
tHZ
HOLD to Output High-Z
9
ns
tWHSL
(6)
Write Protect setup time
20
ns
tSHWL
(6)
Write Protect hold time
100
ns
tDP
(4)
S High to Deep Power-down mode
3
μs
tRES1
(4)
S High to Standby mode without Electronic Signature
Read
3
μs
tRES2
(4)
S High to Standby mode with Electronic Signature
Read
1.8
μs
tW
Write Status Register cycle time
1.3
15
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com