Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P80-VMP6TP Datasheet(PDF) 51 Page - Numonyx B.V

Part # M25P80-VMP6TP
Description  8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P80-VMP6TP Datasheet(HTML) 51 Page - Numonyx B.V

Back Button M25P80-VMP6TP Datasheet HTML 44Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 45Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 46Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 47Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 48Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 49Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 50Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 51Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 52Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
M25P80
Revision history
51/52
22-Sep-2006
11
Endurance and data retention information added to Features.
50 MHz frequency added, Read Identification (RDID) instruction added,
Instruction times table removed, data appended to Table 15: AC
characteristics (40 MHz operation, Grade 6) and Table 16. AC
characteristics (25MHz operation). Typical tW, tSE and tPP values modified
in Table 15: AC characteristics (40 MHz operation, Grade 6) and Note 2
added.
VFQFPN8 package specifications updated (see Table 17). Small text
changes. Process Technology information added to part numbering (see
Table 20).
12-Oct-2006
12
VIO max changed in Table 9: Absolute maximum ratings.
Data in Table 15: AC characteristics (75 MHz operation, Grade 6) are
preliminary data. tBE typ and fR modified in Table 15.
15-Dec-2006
13
Small text changes. Hardware Write protection added to Features.
VCC supply voltage and VSS ground added. Figure 3: Bus Master and
memory devices on the SPI bus updated, Note 2 removed and replaced
by an explanatory paragraph.
Behavior of WIP bit specified at Power-up in Section 7: Power-up and
Power-down.
TLEAD added to Table 9: Absolute maximum ratings.
SO8W and VFQFPN8 package specifications updated (see Section 11:
Package mechanical). Note 1 added to Table 20: Ordering information
scheme.
09-Jan-2007
14
Temperature grade 3 added (available in products delivered in the SO8N
package only).
15-Jun-2007
15
Read Identification instruction modified in Section 6.3: Read Identification
(RDID).
Inserted UID and CFI content columns in Table 5: Read Identification
(RDID) data-out sequence.
Modified Data bytes for RDID instruction in Table 4: Instruction set.
Modified Q signal in Figure 9: Read Identification (RDID) instruction
sequence and data-out sequence.
Modified Test condition and maximum value for ICC3 in Table 14: DC
characteristics.
Table 15: AC characteristics (40 MHz operation, Grade 6) removed.
Modified the maximum value for fC in Table 15: AC characteristics
(75 MHz operation, Grade 6).
10-Dec-2007
16
Applied Numonyx branding.
Table 21.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com